Electronic Components Datasheet Search
  English  ▼

X  

RIC11 Datasheet(PDF) 1 Page - Same Sky Devices

Part # RIC11
Description  MECHANICAL INCREMENTAL ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

RIC11 Datasheet(HTML) 1 Page - Same Sky Devices

  RIC11 Datasheet HTML 1Page - Same Sky Devices RIC11 Datasheet HTML 2Page - Same Sky Devices RIC11 Datasheet HTML 3Page - Same Sky Devices RIC11 Datasheet HTML 4Page - Same Sky Devices RIC11 Datasheet HTML 5Page - Same Sky Devices RIC11 Datasheet HTML 6Page - Same Sky Devices RIC11 Datasheet HTML 7Page - Same Sky Devices RIC11 Datasheet HTML 8Page - Same Sky Devices RIC11 Datasheet HTML 9Page - Same Sky Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
date 09/12/2024
page 1 of 10
SERIES: RIC11 | DESCRIPTION: MECHANICAL INCREMENTAL ENCODER
sameskydevices.com
FEATURES
• multiple shaft options
• different mounting options
• different resolution and detent options
ELECTRICAL
parameter
conditions/description
min
typ
max
units
power supply
5
V
current consumption
each lead
common lead
0.5
0.5
1
10
10
mA
mA
output
2-bit quadrature, channel A leads channel B by 90° with
counter-clockwise rotation
output phase difference
ΔT ≥6 ms @ 60 rpm (see output waveform)
output resolution
15, 20 PPR
detent step angle
20 detent models
30 detent models
16
10
18
12
20
14
°
°
insulation resistance
at 250 Vdc, for 1 minute between terminals and bushing
100
MΩ
dielectric strength
for 1 minute between terminals and bushing
300
Vac
Notes:
1. All specifications measured at 15~35°C, humidity at 25~85%, under 86~106 kPa pressure, unless otherwise noted.
PUSH SWITCH SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rating
5 Vdc, 10 mA (1 mA min)
contact resistance
voltage step-down test at 5 Vdc, 1 mA
100
mΩ
insulation resistance
at 250 Vdc, for 1 minute between terminals and bushing
100
MΩ
dielectric strength
between terminals and bushing
for 1 minute (leakage current 1 mA)
for 2 seconds (leakage current 1 mA)
250
300
Vac
Vac
operating push force
3
5
7
N
travel
0.3
0.5
0.7
mm
bounce
shaft rotated at 1 cycles/s (OFF-ON-OFF)
10
ms
push switch life
at 1800~2000 cycles/hour without electrical load
20,000
cycles
CUI Devices is now Same Sky!
Learn More
Additional Resources: Product Page


Similar Part No. - RIC11

ManufacturerPart #DatasheetDescription
logo
IDEAL-TEK SA
RIC-PCSA-N1 IDEAL-TEK-RIC-PCSA-N1 Datasheet
218Kb / 1P
Circuit Board Holders
REV.00
logo
International Rectifier
RIC7113 IRF-RIC7113 Datasheet
2Mb / 64P
Total Ionizing Dose Test Report
RIC7113A4 IRF-RIC7113A4 Datasheet
156Kb / 9P
RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113A4 IRF-RIC7113A4 Datasheet
223Kb / 9P
RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113A4 IRF-RIC7113A4_15 Datasheet
223Kb / 9P
RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
More results

Similar Description - RIC11

ManufacturerPart #DatasheetDescription
logo
CUI INC
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
ACZ11 CUI-ACZ11 Datasheet
189Kb / 3P
mechanical incremental encoder
ACZ16 CUI-ACZ16_10 Datasheet
106Kb / 3P
mechanical incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
ACZ09 CUI-ACZ09 Datasheet
126Kb / 3P
MECHANICAL INCREMENTAL ENCODER
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
logo
Wurth Elektronik GmbH &...
482009514001 WURTH-482009514001 Datasheet
613Kb / 8P
WS-ENTV Mechanical Incremental Encoder Switch
002.001
logo
CUI INC
ACZ16 CUI-ACZ16_V01 Datasheet
428Kb / 4P
MECHANICAL INCREMENTAL ENCODER
07/14/2020
ACZ11 CUI-ACZ11_V01 Datasheet
357Kb / 4P
MECHANICAL INCREMENTAL ENCODER
06/15/2020
ACZ09 CUI-ACZ09_V01 Datasheet
274Kb / 4P
MECHANICAL INCREMENTAL ENCODER
08/10/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com