Electronic Components Datasheet Search
  English  ▼

X  

RIC11 Datasheet(PDF) 4 Page - Same Sky Devices

Part # RIC11
Description  MECHANICAL INCREMENTAL ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

RIC11 Datasheet(HTML) 4 Page - Same Sky Devices

  RIC11 Datasheet HTML 1Page - Same Sky Devices RIC11 Datasheet HTML 2Page - Same Sky Devices RIC11 Datasheet HTML 3Page - Same Sky Devices RIC11 Datasheet HTML 4Page - Same Sky Devices RIC11 Datasheet HTML 5Page - Same Sky Devices RIC11 Datasheet HTML 6Page - Same Sky Devices RIC11 Datasheet HTML 7Page - Same Sky Devices RIC11 Datasheet HTML 8Page - Same Sky Devices RIC11 Datasheet HTML 9Page - Same Sky Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SAME SKY | SERIES: RIC11 | DESCRIPTION: MECHANICAL INCREMENTAL ENCODER
date 09/12/2024 | page 4 of 10
sameskydevices.com
SHAFT TYPES
units: mm
tolerance:
X≤10.00: ±0.30 mm
10.00<X≤100.00: ±0.50 mm
unless otherwise noted
D Type
K Type
L±0.3
D
A±0.2
0.5
SWITCH TRAVEL
C0.5
L±0.3
D
K±0.2
0.5
SWITCH TRAVEL
D=5
10D
13D
16D
L
10
13
16
A
4
5
10
D=7
15D
15.5D
17D
20D
L
15
15.5
16.5
19.5
A
7
6
8
11
10K
10K
11K
15K
D
2.2
3.5
5
7
L
10
10
10.5
15
A
5
5
3.5
6.5
PHASE DIFFERENCE
Signal A
Signal A
Signal B
Signal B
C W
C C W
T
T
T
T
OFF
OFF
OFF
OFF
ON
ON
ON
ON
At 60 RPM constant speed:
ΔT ≥6 ms
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com