Electronic Components Datasheet Search
  English  ▼

X  

AFX00001 Datasheet(PDF) 4 Page - Arduino

Part # AFX00001
Description  Arduino Opta® Collective Datasheet
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

AFX00001 Datasheet(HTML) 4 Page - Arduino

  AFX00001 Datasheet HTML 1Page - Arduino AFX00001 Datasheet HTML 2Page - Arduino AFX00001 Datasheet HTML 3Page - Arduino AFX00001 Datasheet HTML 4Page - Arduino AFX00001 Datasheet HTML 5Page - Arduino AFX00001 Datasheet HTML 6Page - Arduino AFX00001 Datasheet HTML 7Page - Arduino AFX00001 Datasheet HTML 8Page - Arduino AFX00001 Datasheet HTML 9Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Arduino Opta®
Collective Datasheet
4 / 21
Arduino Opta® Collective Datasheet
Modified: 15/11/2024
1 Product Variants
There are three variants of the Arduino Opta® created to fit the different needs of each industry and application.
The difference between each of the variants can be found in the following table:
Name
Arduino Opta® Lite
Arduino Opta® RS485
Arduino Opta® WiFi
SKU
AFX00003
AFX00001
AFX00002
USB
USB-C®
USB-C®
USB-C®
Ethernet Support
10/100BASE-T Port
10/100BASE-T Port
10/100BASE-T Port
RS-485
N/A
Half-duplex
Half-duplex
Wi-Fi®
N/A
N/A
802.11 b/g/n
Bluetooth®
N/A
N/A
Bluetooth® Low Energy
2 Application Examples
Arduino Opta® is designed for industrial standard machinery control as a PLC with advanced features such as AI
and connectivity capabilities. It is readily integrated into the Arduino hardware and software ecosystem, including
real-time monitoring via the Arduino Cloud.
Conveyor belt management: Arduino Opta® offers the possibility to configure its inputs as digital or analog
to flexibly collect data from several types of sensors. Thanks to the Wi-Fi®/Bluetooth® Low Energy connectivity,
Arduino Opta® can also be smoothly integrated with sensing boards, like the Nicla® ones from the Arduino
ecosystem, leveraging Arduino Opta's potential with vision, sound, weight detection, air quality measurement
and many other capabilities.
Arduino Opta® can use the data from the various sensors as they are or, thanks to its powerful microcontroller,
use the outcome from a computation, to operate a wide variety of industrial machinery through its high-
performing relays.
All these features, wrapped in a compact form factor, make Arduino Opta® the ideal solution for product flow
management in conveyor belts, automated packing or bottling lines.
Real-time industrial monitoring: Get instant access to your factory floor data and to the insights of your
industrial processes to leverage your manufacturing excellence to continuous improvement. Implement visual
management and KPIs monitoring thanks to the Arduino Opta's built-in connectivity features (Ethernet on all
the product variants, Fieldbus and WiFi®/Bluetooth® Low Energy upon choice), delivering in a simple, fast and
reliable way the data collected through beautiful dashboards in Arduino Cloud.
Predictive maintenance: Combine the possibility to interact with wireless and wired sensors, given by the
multiple connectivity options of Arduino Opta®, with the powerful microcontroller computational capabilities
to implement AI algorithms for predictive maintenance. Edge computing and monitoring capabilities, thanks to
the Arduino Cloud features, can help to identify small drifts in your processes to address issues before they
become a problem, reducing production line downtimes and ensuring quality outcomes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com