Electronic Components Datasheet Search
  English  ▼

X  

AFX00001 Datasheet(PDF) 8 Page - Arduino

Part # AFX00001
Description  Arduino Opta® Collective Datasheet
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

AFX00001 Datasheet(HTML) 8 Page - Arduino

Back Button AFX00001 Datasheet HTML 4Page - Arduino AFX00001 Datasheet HTML 5Page - Arduino AFX00001 Datasheet HTML 6Page - Arduino AFX00001 Datasheet HTML 7Page - Arduino AFX00001 Datasheet HTML 8Page - Arduino AFX00001 Datasheet HTML 9Page - Arduino AFX00001 Datasheet HTML 10Page - Arduino AFX00001 Datasheet HTML 11Page - Arduino AFX00001 Datasheet HTML 12Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Arduino Opta®
Collective Datasheet
8 / 21
Arduino Opta® Collective Datasheet
Modified: 15/11/2024
4 Ratings
4.1 Recommended Operating Conditions
Description
Value
Temperature Operating Range
-20...50 °C
Protection degree rating
IP20
Pollution degree
2 conforming to IEC 61010
4.2 Power Specification
Property
Min
Typ
Max
Unit
Supply voltage
12
-
24
V
Permissible range
10.2
-
27.6
V
Power consumption (12 V)
0.6
-
2
W
Power consumption (24 V)
0.6
-
2.2
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com