Electronic Components Datasheet Search
  English  ▼

X  

AFX00001 Datasheet(PDF) 6 Page - Arduino

Part # AFX00001
Description  Arduino Opta® Collective Datasheet
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

AFX00001 Datasheet(HTML) 6 Page - Arduino

Back Button AFX00001 Datasheet HTML 2Page - Arduino AFX00001 Datasheet HTML 3Page - Arduino AFX00001 Datasheet HTML 4Page - Arduino AFX00001 Datasheet HTML 5Page - Arduino AFX00001 Datasheet HTML 6Page - Arduino AFX00001 Datasheet HTML 7Page - Arduino AFX00001 Datasheet HTML 8Page - Arduino AFX00001 Datasheet HTML 9Page - Arduino AFX00001 Datasheet HTML 10Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Arduino Opta®
Collective Datasheet
6 / 21
Arduino Opta® Collective Datasheet
Modified: 15/11/2024
3.3 Security
Component
Details
ATECC608B Crypto Microchip®
Cryptographic co-processor with secure hardware-based key storage
Protected storage for up to 16 Keys, certificates or data
Networking key management support
Secure boot support
Guaranteed unique 72-bit serial number
3.4 Communication
Interfaces
Type
Protocols/Technologies Supported
Ethernet
10/100BASE-T Port
TCP/IP, MODBUS TCP
RS-485
Half-duplex without termination
resistance
MODBUS RTU, Custom serial
communication
Expansion Port
Proprietary Port
Expansion module communication
Wireless Connectivity
Wi-Fi®
2.4 GHz
Wireless Connectivity
Bluetooth® Low Energy
4.2 supported by firmware, 5.1 supported
by hardware
3.5 Inputs
Characteristics
Details
Number of inputs
8x Analog/Digital inputs
Inputs overvoltage protection
Yes
Antipolarity protection
Yes
Input impedance
8.9 kΩ
3.5.1 Analog Inputs
Characteristics
Details
Analog Input voltage
0...10 V
Analog Input resolution
12...16 bits - User configurable
Analog Input LSB value
166 µV
Accuracy
+/- 5%, repeatability +/- 2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com