Electronic Components Datasheet Search
  English  ▼

X  

AFX00001 Datasheet(PDF) 7 Page - Arduino

Part # AFX00001
Description  Arduino Opta® Collective Datasheet
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

AFX00001 Datasheet(HTML) 7 Page - Arduino

Back Button AFX00001 Datasheet HTML 3Page - Arduino AFX00001 Datasheet HTML 4Page - Arduino AFX00001 Datasheet HTML 5Page - Arduino AFX00001 Datasheet HTML 6Page - Arduino AFX00001 Datasheet HTML 7Page - Arduino AFX00001 Datasheet HTML 8Page - Arduino AFX00001 Datasheet HTML 9Page - Arduino AFX00001 Datasheet HTML 10Page - Arduino AFX00001 Datasheet HTML 11Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Arduino Opta®
Collective Datasheet
7 / 21
Arduino Opta® Collective Datasheet
Modified: 15/11/2024
3.5.2 Digital Inputs
Characteristics
Details
Digital Input voltage
0...24 V
Digital Input voltage logic level
VIL Max: 4.46 VDC. VHL Min: 6.6 VDC
Digital Input current
1.12 mA at 10 V
Digital Input frequency
4.5 kHz
Cycle time for analog input
acquisition
10 µs
3.6 Outputs
Characteristics
Details
Number of outputs
4x relays (NO)
Max current per relay
10 A
Max peak current per relay
15 A
Continuous current per terminal 10 A
Short-circuit protection
No, external fuse required
Relay rated voltage
250 VAC
Relay Max voltage
400 VAC
Rated load AC1
2500 VA
Rated load AC15 (230 VAC)
500 VA
Breaking capacity DC1:
24/30/110/220V
10/4/0.3/0.12 A
Minimum switching load
300 mW (5 V/5 mA)
Max output line length
(unshielded)
100 m
Relay response time from state
0 to state 1
6 ms for relay output
Relay response time from state
1 to state 0
4 ms for relay output
Bounce time NO
3 ms
Bounce time NC
6 ms
Relay mechanical durability
10 million cycles
Relay electrical durability
10 thousand cycles with a resistive load of 10A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com