Electronic Components Datasheet Search
  English  ▼

X  

ADG772 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG772
Description  CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG772 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG772 Datasheet HTML 4Page - Analog Devices ADG772 Datasheet HTML 5Page - Analog Devices ADG772 Datasheet HTML 6Page - Analog Devices ADG772 Datasheet HTML 7Page - Analog Devices ADG772 Datasheet HTML 8Page - Analog Devices ADG772 Datasheet HTML 9Page - Analog Devices ADG772 Datasheet HTML 10Page - Analog Devices ADG772 Datasheet HTML 11Page - Analog Devices ADG772 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADG772
Rev. 0 | Page 8 of 12
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1
10
100
1000
FREQUENCY (MHz)
0
TA = 25°C
VDD = 3.3V, 2.5V, 1.8V
Figure 16. Off Isolation vs. Frequency
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1
10
100
1000
FREQUENCY (MHz)
0
S1A-S1B
S1A-S2A
TA = 25°C
VDD = 3.3V, 2.5V, 1.8V
Figure 17. Crosstalk vs. Frequency
–20
–40
–60
–80
–100
–120
–140
10
100
1k
10k
100k
1M
10M
100M
1G
FREQUENCY (MHz)
0
TA = 25°C
VDD = 3.3V
Figure 18. PSRR vs. Frequency
C2 835mV Ω
2
C1
2.64V
A
20.0ns/DIV
2.5GS/s ET 400ps/pt
Figure 19. USB 1.1 Eye Diagram
37.37ns
250ps/DIV
39.87ns
+500mV
+100mV/
DIV
–500mV
1
3
2
Figure 20. USB 2.0 Eye Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com