Electronic Components Datasheet Search
  English  ▼

X  

ADG772 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG772
Description  CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG772 Datasheet(HTML) 1 Page - Analog Devices

  ADG772 Datasheet HTML 1Page - Analog Devices ADG772 Datasheet HTML 2Page - Analog Devices ADG772 Datasheet HTML 3Page - Analog Devices ADG772 Datasheet HTML 4Page - Analog Devices ADG772 Datasheet HTML 5Page - Analog Devices ADG772 Datasheet HTML 6Page - Analog Devices ADG772 Datasheet HTML 7Page - Analog Devices ADG772 Datasheet HTML 8Page - Analog Devices ADG772 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CMOS Low Power Dual 2:1 Mux/Demux
USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
ADG772
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
USB 2.0 (480 Mbps) and USB 1.1 (12 Mbps) signal
switching compliant
Tiny 10-lead 1.6 mm × 1.3 mm mini LFCSP package
and 12-lead 3 mm × 3 mm LFCSP package
2.7 V to 3.6 V single-supply operation
Typical power consumption: <0.1 μW
RoHS compliant
APPLICATIONS
USB 2.0 signal switching circuits
Cellular phones
PDAs
MP3 players
Battery-powered systems
Headphone switching
Audio and video signal routing
Communications systems
S1A
S1B
S2A
S2B
IN2
ADG772
D1
D2
SWITCHES SHOWN FOR A LOGIC 0 INPUT
IN1
Figure 1.
GENERAL DESCRIPTION
The ADG772 is a low voltage, CMOS device that contains two
independently selectable single-pole, double throw (SPDT)
switches. It is designed as a general-purpose switch and can be
used for routing both USB 1.1 and USB 2.0 signals.
This device offers a data rate of 1260 Mbps, making the part
suitable for high frequency data switching. Each switch
conducts equally well in both directions when on and has an
input signal range that extends to the supplies. The ADG772
exhibits break-before-make switching action.
The ADG772 comes in a 12-lead LFCSP, and a 10-lead mini
LFCSP. These packages make the ADG772 the ideal solution for
space-constrained applications.
PRODUCT HIGHLIGHTS
1.
1.6 mm × 1.3 mm mini LFCSP package.
2.
USB 1.1 (12 Mbps) and USB 2.0 (480 Mbps) compliant.
3.
Single 2.7 V to 3.6 V operation.
4.
RoHS compliant.


Similar Part No. - ADG772

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG774 AD-ADG774 Datasheet
119Kb / 8P
CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV.0
ADG774A AD-ADG774A Datasheet
144Kb / 8P
Low Voltage 400 MHz Quad 2:1 Mux with 3 ns Switching Time
REV.0
ADG774ABCPZ-REEL AD-ADG774ABCPZ-REEL Datasheet
371Kb / 16P
Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
ADG774ABRQ AD-ADG774ABRQ Datasheet
144Kb / 8P
Low Voltage 400 MHz Quad 2:1 Mux with 3 ns Switching Time
REV.0
ADG774ABRQ AD-ADG774ABRQ Datasheet
371Kb / 16P
Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
More results

Similar Description - ADG772

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG787 AD-ADG787 Datasheet
420Kb / 16P
2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch
5/06-Rev. 0 to Rev. A
logo
ON Semiconductor
NLAS7222B ONSEMI-NLAS7222B Datasheet
816Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2007 - Rev. 1
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Texas Instruments
TS3USB221 TI1-TS3USB221_16 Datasheet
1Mb / 27P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer
logo
Savitech Corp.
SV7030 SAVITECH-SV7030 Datasheet
216Kb / 9P
Low Power, Low Attenuation, High-Speed USB 2.0 (480 Mbps) Switch
logo
Texas Instruments
TMUXHS221 TI-TMUXHS221 Datasheet
1Mb / 21P
TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
AUGUST 2022
TMUXHS221 TI-TMUXHS221_V01 Datasheet
948Kb / 17P
TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
REVISED NOVEMBER 2022
TMUXHS221 TI-TMUXHS221_V02 Datasheet
1Mb / 23P
TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
REVISED NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com