Electronic Components Datasheet Search
  English  ▼

X  

ADG772 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG772
Description  CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG772 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG772 Datasheet HTML 4Page - Analog Devices ADG772 Datasheet HTML 5Page - Analog Devices ADG772 Datasheet HTML 6Page - Analog Devices ADG772 Datasheet HTML 7Page - Analog Devices ADG772 Datasheet HTML 8Page - Analog Devices ADG772 Datasheet HTML 9Page - Analog Devices ADG772 Datasheet HTML 10Page - Analog Devices ADG772 Datasheet HTML 11Page - Analog Devices ADG772 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADG772
Rev. 0 | Page 10 of 12
VDD
VS
VDD
NC
NETWORK
ANALYZER
S1B
S1A
GND
OFF ISOLATION = 20 log
D
50Ω
50Ω
VOUT
RL
50Ω
0.1µF
VOUT
VS
Figure 27. Off Isolation
VOUT
50Ω
50Ω
50Ω
VS
NETWORK
ANALYZER
S2A
S2B
D1
D2
NC
NC
S1A
S1B
CHANNEL-TO-CHANNEL CROSSTALK = 20 log
VOUT
VS
Figure 28. Channel-to-Channel Crosstalk (S1A–S2A)
NETWORK
ANALYZER
RL
GND
VDD
VDD
VOUT
VS
S1A
S1B
0.1µF
D
50Ω
50Ω
INSERTION LOSS = 20 log
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
Figure 29. Channel-to-Channel Crosstalk (S1A–S1B)
VOUT
VDD
VDD
GND
VS
RL
50Ω
RL
50Ω
0.1µF
50Ω
S1A
D
S1B
CHANNEL-TO-CHANNEL CROSSTALK = 20 log
VOUT
VS
NETWORK
ANALYZER
Figure 30. Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com