Electronic Components Datasheet Search
  English  ▼

X  

TPS62240DRVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62240DRVT
Description  2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62240DRVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62240DRVT Datasheet HTML 3Page - Texas Instruments TPS62240DRVT Datasheet HTML 4Page - Texas Instruments TPS62240DRVT Datasheet HTML 5Page - Texas Instruments TPS62240DRVT Datasheet HTML 6Page - Texas Instruments TPS62240DRVT Datasheet HTML 7Page - Texas Instruments TPS62240DRVT Datasheet HTML 8Page - Texas Instruments TPS62240DRVT Datasheet HTML 9Page - Texas Instruments TPS62240DRVT Datasheet HTML 10Page - Texas Instruments TPS62240DRVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.ti.com
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V =3.6V
I
V =4.5V
I
V =3V
I
V =2.7V
I
V =2.3V
I
PFM
T =-40°C,
V
=1.8V,
MODE=GND,
L =2.2 H,
C
=10 F
A
O
O
m
m
PWM
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V =3.6V
I
V =4.5V
I
V =3V
I
V =2.7V
I
V =2.3V
I
T =25°C,
V
=1.8V,
MODE=GND,
L =2.2 H,
C
=10 F
A
O
O
m
m
PFM
PWM
1.746
1.764
1.782
1.8
1.818
1.836
1.854
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V =3.6V
I
V =4.5V
I
V =3V
I
V =2.7V
I
V =2V
I
T =25°C,
V
=1.8V,
MODE=V ,
L =2.2 H
A
O
I
m
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
PFM
PWM
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V =3.6V
I
V =4.5V
I
V =3V
I
V =2.7V
I
V =2.3V
I
T =85°C,
V
=1.8V,
MODE=GND,
L =2.2 H,
C
=10 F
A
O
O
m
m
TPS62240, TPS62242, TPS62243
SLVS762B – JUNE 2007 – REVISED SEPTEMBER 2007
OUTPUT VOLTAGE ACCURACY
OUTPUT VOLTAGE ACCURACY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 5.
Figure 6.
OUTPUT VOLTAGE ACCURACY
OUTPUT VOLTAGE ACCURACY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 7.
Figure 8.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62240 TPS62242 TPS62243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com