Electronic Components Datasheet Search
  English  ▼

X  

TPS62240DRVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62240DRVT
Description  2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62240DRVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS62240DRVT Datasheet HTML 12Page - Texas Instruments TPS62240DRVT Datasheet HTML 13Page - Texas Instruments TPS62240DRVT Datasheet HTML 14Page - Texas Instruments TPS62240DRVT Datasheet HTML 15Page - Texas Instruments TPS62240DRVT Datasheet HTML 16Page - Texas Instruments TPS62240DRVT Datasheet HTML 17Page - Texas Instruments TPS62240DRVT Datasheet HTML 18Page - Texas Instruments TPS62240DRVT Datasheet HTML 19Page - Texas Instruments TPS62240DRVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.ti.com
APPLICATION INFORMATION
VIN
GND
EN
FB
SW
TPS62240DRV
L1
2.2µH
CIN
4.7µF
R1
360 k
R2
360 k
C1
33pF
COUT
10 µF
VOUT 1.2V
Upto300mA
MODE
VIN 2.0V to 6V
VIN
GND
EN
FB
SW
TPS62240DRV
L1
2.2µH
CIN
4.7µF
R1
360 k
R2
180 k
C1
33pF
COUT
10 µF
VOUT 1.8V
Upto300mA
MODE
VIN 2.0V to 6V
VIN
GND
EN
FB
SW
TPS62240DRV
L1
4.7 µH
CIN
4.7µF
R1
360 k
R2
180 k
C1
33pF
COUT
10 µF
VOUT 1.8V
Upto300mA
MODE
VIN 2.0V to 6V
TPS62240, TPS62242, TPS62243
SLVS762B – JUNE 2007 – REVISED SEPTEMBER 2007
Figure 27. TPS62240DRV Adjustable 1.2 V
Figure 28. TPS62240DRV 1.8 V
Figure 29. TPS62240DRV 1.8 V Low Ripple
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS62240 TPS62242 TPS62243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com