Electronic Components Datasheet Search
  English  ▼

X  

TPS62240DRVT Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62240DRVT
Description  2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62240DRVT Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS62240DRVT Datasheet HTML 19Page - Texas Instruments TPS62240DRVT Datasheet HTML 20Page - Texas Instruments TPS62240DRVT Datasheet HTML 21Page - Texas Instruments TPS62240DRVT Datasheet HTML 22Page - Texas Instruments TPS62240DRVT Datasheet HTML 23Page - Texas Instruments TPS62240DRVT Datasheet HTML 24Page - Texas Instruments TPS62240DRVT Datasheet HTML 25Page - Texas Instruments TPS62240DRVT Datasheet HTML 26Page - Texas Instruments TPS62240DRVT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
TAPE AND REEL BOX INFORMATION
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS62240DDCR
DDC
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
TPS62240DDCT
DDC
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
TPS62240DRVR
DRV
6
SITE 48
179
8
2.2
2.2
1.2
4
8
Q2
TPS62240DRVT
DRV
6
SITE 48
179
8
2.2
2.2
1.2
4
8
Q2
TPS62243DRVR
DRV
6
SITE 48
179
8
2.2
2.2
1.2
4
8
Q2
TPS62243DRVT
DRV
6
SITE 48
179
8
2.2
2.2
1.2
4
8
Q2
PACKAGE MATERIALS INFORMATION
www.ti.com
26-Sep-2007
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com