Electronic Components Datasheet Search
  English  ▼

X  

TPS62240DRVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62240DRVT
Description  2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62240DRVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62240DRVT Datasheet HTML 4Page - Texas Instruments TPS62240DRVT Datasheet HTML 5Page - Texas Instruments TPS62240DRVT Datasheet HTML 6Page - Texas Instruments TPS62240DRVT Datasheet HTML 7Page - Texas Instruments TPS62240DRVT Datasheet HTML 8Page - Texas Instruments TPS62240DRVT Datasheet HTML 9Page - Texas Instruments TPS62240DRVT Datasheet HTML 10Page - Texas Instruments TPS62240DRVT Datasheet HTML 11Page - Texas Instruments TPS62240DRVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
1.746
1.764
1.782
1.8
1.818
1.836
1.854
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V =3.6V
I
V =4.5V
I
V =3V
I
V =2.7V
I
V =2V
I
T =-40°C,
V
=1.8V,
MODE=V ,
L =2.2 H
A
O
I
m
1.746
1.764
1.782
1.8
1.818
1.836
1.854
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V =3.6V
I
V =4.5V
I
V =3V
I
V =2.7V
I
V =2V
I
T =85°C,
V
=1.8V,
MODE=V ,
L =2.2 H
A
O
I
m
EN2V/Div
SW2V/Div
V
2V/Div
OUT
I 100mA/Div
IN
V =3.6V
R
=10R
V
=1.8V
I intoC
MODE=GND
IN
Load
OUT
IN
IN
TimeBase-100 s/Div
m
TimeBase-10 s/Div
m
V 3.6V
V
1.8V,I
150mA
L 2.2 H,C
10 F0603
IN
OUT
OUT
OUT
m
m
V
10mV/Div
OUT
SW2V/Div
I 200mA/Div
coil
TPS62240, TPS62242, TPS62243
SLVS762B – JUNE 2007 – REVISED SEPTEMBER 2007
OUTPUT VOLTAGE ACCURACY
OUTPUT VOLTAGE ACCURACY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 9.
Figure 10.
TYPICAL OPERATION
vs
STARTUP TIMING
PWM MODE
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS62240 TPS62242 TPS62243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com