Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS35
Description  TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS35 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS35 Datasheet HTML 6Page - Texas Instruments TPS35 Datasheet HTML 7Page - Texas Instruments TPS35 Datasheet HTML 8Page - Texas Instruments TPS35 Datasheet HTML 9Page - Texas Instruments TPS35 Datasheet HTML 10Page - Texas Instruments TPS35 Datasheet HTML 11Page - Texas Instruments TPS35 Datasheet HTML 12Page - Texas Instruments TPS35 Datasheet HTML 13Page - Texas Instruments TPS35 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
6.6 Timing Requirements
At 1.04V ≤ VDD ≤ 6V, MR = Open, RESET pull-up resistor (Rpull-up) = 100kΩ to VDD, WDO pull-up resistor (Rpull-up) = 100kΩ
to VDD, output RESET / WDO load (CLOAD) = 10pF and over operating free-air temperature range –40℃ to 125℃, unless
otherwise noted. VDD ramp rate ≤ 1V/µs. Typical values are at TA = 25℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tGI_VIT–
Glitch immunity VIT–
5% VIT– overdrive(1)
15
µs
t MR_PW
MR pin pulse duration to assert reset
100
ns
tP-WD
WDI pulse duration to start next frame (2)
VDD > VIT–
500
ns
tHD-WDEN
WD-EN hold time to enable or disable WD
operation (2)
VDD > VIT–
200
µs
tHD-SETx
SETx hold time to change WD timer setting
(2)
VDD > VIT–
150
µs
tWD
Watchdog timeout period
Orderable Option TPS35xxxxB
0.8
1
1.2
ms
Orderable Option TPS35xxxxC
4
5
6
Orderable Option TPS35xxxxD
9
10
11
Orderable Option TPS35xxxxE
18
20
22
Orderable Option TPS35xxxxF
45
50
55
Orderable Option TPS35xxxxG
90
100
110
Orderable Option TPS35xxxxH
180
200
220
Orderable Option TPS35xxxxI
0.9
1
1.1
s
Orderable Option TPS35xxxxJ
1.26
1.4
1.54
Orderable Option TPS35xxxxK
1.44
1.6
1.76
Orderable Option TPS35xxxxL
9
10
11
Orderable Option TPS35xxxxM
45
50
55
Orderable Option TPS35xxxxN
90
100
110
(1)
Overdrive % = [(VDD/ VIT–) – 1] × 100%
(2)
Not production tested
TPS35-Q1
SLVSGE8B – NOVEMBER 2022 – REVISED AUGUST 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com