Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS35
Description  TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS35 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS35 Datasheet HTML 18Page - Texas Instruments TPS35 Datasheet HTML 19Page - Texas Instruments TPS35 Datasheet HTML 20Page - Texas Instruments TPS35 Datasheet HTML 21Page - Texas Instruments TPS35 Datasheet HTML 22Page - Texas Instruments TPS35 Datasheet HTML 23Page - Texas Instruments TPS35 Datasheet HTML 24Page - Texas Instruments TPS35 Datasheet HTML 25Page - Texas Instruments TPS35 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Table 7-1. tWD Scaling with SET0 Pin Only (Pin Configuration A)
WATCHDOG TIME SCALING SELECTION
tWD
SET0 = 0
SET0 = 1
A
10ms
20ms
B
10ms
40ms
C
10ms
80ms
D
10ms
160ms
E
10ms
320ms
F
10ms
640ms
G
10ms
1280ms
For pinouts which offer both SET0 & SET1 pins to the user, the tWD multiplier value is decided based on the
Watchdog Time Scaling selector in the Section 4 section. Two SETx pins offer 3 different time scaling options.
The SET[1:0] = 0b'01 combination disables the watchdog operation. Table 7-2 showcases an example of the tWD
values for different SET[1:0] logic levels when using Watchdog Time setting as option G = 100ms. The package
pin out selected does not offer WD-EN pin.
Table 7-2. tWD Scaling with SET0 & SET1 Pins, WD-EN Pin Not Available (Pin Configuration B)
WATCHDOG TIME
SCALING SELECTION
tWD
SET[1:0] = 0b'00
SET[1:0] = 0b'01
SET[1:0] = 0b'10
SET[1:0] = 0b'11
A
100ms
Watchdog disable
200ms
400ms
B
100ms
Watchdog disable
400ms
800ms
C
100ms
Watchdog disable
800ms
1600ms
D
100ms
Watchdog disable
1600ms
3200ms
E
100ms
Watchdog disable
3200ms
6400ms
F
100ms
Watchdog disable
6400ms
12800ms
G
100ms
Watchdog disable
12800ms
25600ms
Selected pinout option can offer WD-EN pin along with SET[1:0] pins (Pin Configuration C, D). With this pinout,
the WD-EN pin controls watchdog enable and disable operation. The SET[1:0] = 0b'01 combination operates as
SET[1:0] = 0b'00.
Make sure the tWD value with SETx multiplier does not exceed 640s. If a selection of timer and multiplier results
in tWD > 640s, the timer value is restricted to 640s.
Figure 7-9 to Figure 7-11 diagrams show the timing behavior with respect to SETx status changes.
WDO
WDI
ttWDt
WD_EN = 1
ttWDt
ttWDt
ttWD X nt
SETx
ttWD X nt
ttWD X mt
ttWD X mt
WD multiplier = 1
WD multiplier = n
WD multiplier = m
Figure 7-9. Watchdog Behavior with SETx Pin Status
TPS35-Q1
SLVSGE8B – NOVEMBER 2022 – REVISED AUGUST 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com