Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 28 Page - Texas Instruments

Part # TPS35
Description  TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS35 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS35 Datasheet HTML 24Page - Texas Instruments TPS35 Datasheet HTML 25Page - Texas Instruments TPS35 Datasheet HTML 26Page - Texas Instruments TPS35 Datasheet HTML 27Page - Texas Instruments TPS35 Datasheet HTML 28Page - Texas Instruments TPS35 Datasheet HTML 29Page - Texas Instruments TPS35 Datasheet HTML 30Page - Texas Instruments TPS35 Datasheet HTML 31Page - Texas Instruments TPS35 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
actual device timing to vary such that the minimum of tWD can decrease and the maximum of tWD can increase
by the capacitor tolerance. For the most accurate timing, use ceramic capacitors with COG dielectric material.
8.2 Typical Applications
8.2.1 Design 1: Monitoring a Microcontroller Supply Voltage and Watchdog Timer
The TPS35-Q1 features high-accuracy (1.2% maximum) voltage supervising along with on-the-fly adjustable
watchdog timing to monitor critical processing elements in systems.
VDD
GND
TPS35-Q1
1.8V
Microcontroller
SET1
VDD
MR
GND
WD-EN
SET0
WDI
GPIO
GPIO
GPIO
Copyright © 2023, Texas Instruments Incorporated
RESET
RESET
Figure 8-1. Microcontroller Supply and Watchdog Monitoring Circuit
8.2.1.1 Design Requirements
Table 8-2. Design Parameters
PARAMETER
DESIRED REQUIREMENT
DESIGN RESULT
Threshold Voltage
Typical threshold voltage of 1.65V
Typical threshold voltage of 1.65V
Watchdog Timeout Period
Typical timeout period of 1.6s
Typical timeout period of 1.6s
RESET Delay
Typical reset delay of 200ms
Typical reset delay of 200ms
Startup Delay
Minimum startup delay of 700ms
Minimum startup delay of 900ms
Output Logic
Open-drain
Open-drain
Maximum Device Current Consumption
20μA
250nA typical, 3μA maximum
8.2.1.2 Detailed Design Procedure
8.2.1.2.1 Setting the Voltage Threshold
The negative-going threshold voltage, VIT-, is set by the device variant. Equation 4 shows how to calculate the
"Threshold Voltage" section of the orderable part number.
OPN "Threshold Voltage" number = (VIT- - 1) / 0.05
(4)
In this example, the nominal supply voltage for the microcontroller is 1.8V. The minimum supply voltage is 10%
lower than the nominal supply voltage, or 1.62V. Setting a 1.65V threshold makes sure that the device resets just
before the supply voltage reaches the minimum allowed. Thus a 1.65V threshold is chosen and, using Equation
4, the part number is reduced to TPS35xx13xxxxxxxQ1. Since the hysteresis is 5% typical, the positive-going
threshold voltage, VIT+, is 1.73V.
TPS35-Q1
SLVSGE8B – NOVEMBER 2022 – REVISED AUGUST 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com