Electronic Components Datasheet Search
  English  ▼

X  

MB95F108ANS Datasheet(PDF) 34 Page - fujitsu semiconductor

Part # MB95F108ANS
Description  8-bit Proprietary Microcontrollers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F108ANS Datasheet(HTML) 34 Page - fujitsu semiconductor

Back Button MB95F108ANS Datasheet HTML 30Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 31Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 32Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 33Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 34Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 35Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 36Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 37Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 38Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
MB95100AM Series
34
(Continued)
*1 : The parameter is based on AVSS
= VSS = 0.0 V.
*2 : Apply equal potential to AVcc and Vcc. AVR should not exceed AVcc
+ 0.3 V.
*3 : VI and Vo should not exceed VCC
+ 0.3 V. VI must not exceed the rating voltage. However, if the maximum current
to/from an input is limited by some means with external components, the ICLAMP rating supersedes the VI rating.
*4 : Applicable to pins : P00 to P07, P10 to P14, P20 to P24, P30 to P37, P40 to P43, P52, P53, P70, P71,
PE0 to PE3
• Use within recommended operating conditions.
• Use at DC voltage (current).
• +B signal is an input signal that exceeds VCC voltage. The + B signal should always be applied a limiting
resistance placed between the
+ B signal and the microcontroller.
• The value of the limiting resistance should be set so that when the + B signal is applied the input current
to the microcontroller pin does not exceed rated values, either instantaneously or for prolonged periods.
• Note that when the microcontroller drive current is low, such as in the power saving modes, the +B input
potential may pass through the protective diode and increase the potential at the VCC pin, and this affect
other devices.
• Note that if the + B signal is inputted when the microcontroller power supply is off (not fixed at 0 V), the power
supply is provided from the pins, so that incomplete operation may result.
• Note that if the + B input is applied during power-on, the power supply is provided from the pins and the
resulting power supply voltage may not be sufficient to operate the power-on reset.
• Care must be taken not to leave the + B input pin open.
• Sample recommended circuits :
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
Parameter
Symbol
Rating
Unit
Min
Max
Power consumption
Pd
⎯
320
mW
Operating temperature
TA
− 40
+ 85
°C
Storage temperature
Tstg
− 55
+ 150
°C
P-ch
N-ch
Vcc
R
• Input/Output Equivalent circuits
+ B input (0 V to 16 V)
Limiting
resistance
Protective diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com