Electronic Components Datasheet Search
  English  ▼

X  

MB95F108ANS Datasheet(PDF) 48 Page - fujitsu semiconductor

Part # MB95F108ANS
Description  8-bit Proprietary Microcontrollers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F108ANS Datasheet(HTML) 48 Page - fujitsu semiconductor

Back Button MB95F108ANS Datasheet HTML 44Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 45Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 46Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 47Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 48Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 49Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 50Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 51Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 52Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
MB95100AM Series
48
(5) Peripheral Input Timing
(Vcc
= 5.0 V ± 10%, AVss = Vss = 0.0 V, TA = − 40 °C to + 85 °C)
* : Refer to “ (2) Source Clock/Machine Clock” for tMCLK.
Parameter
Symbol
Pin name
Value
Unit
Min
Max
Peripheral input “H” pulse
width
tILIH
INT00 to INT07,
INT10 to INT13,
EC0, EC1, TI0, TRG0/ADTG,
TRG1
2 tMCLK*
⎯
ns
Peripheral input “L” pulse
width
tIHIL
2 tMCLK*
⎯
ns
tILIH
INT00 to INT07,
INT10 to INT13, EC0, EC1,
TI0, TRG0/ADTG, TRG1
0.8 VCC 0.8 VCC
0.2 VCC
0.2 VCC
tIHIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com