Electronic Components Datasheet Search
  English  ▼

X  

MB95F108ANS Datasheet(PDF) 44 Page - fujitsu semiconductor

Part # MB95F108ANS
Description  8-bit Proprietary Microcontrollers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F108ANS Datasheet(HTML) 44 Page - fujitsu semiconductor

Back Button MB95F108ANS Datasheet HTML 40Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 41Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 42Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 43Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 44Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 45Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 46Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 47Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 48Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
MB95100AM Series
44
16.25 MHz
0.5 MHz
2.42
3 MHz
5.5
131.072 kHz
16.384 kHz
2.42
32 kHz
5.5
10 MHz
3.5
Source clock frequency (FSPL)
Main clock operating guarantee range
Sub PLL, Sub clock mode, watch mode,
operating guarantee range
Main clock mode, main PLL mode
operating guarantee range
PLL operating guarantee range
PLL operating guarantee range
Source clock frequency (FSP)
• Operating voltage − Operating frequency (TA = − 40 °C to + 85 °C)
• MB95F104AMS/F104ANS/F104AJS/F106AMS/F106ANS/F106AJS/F108AMS/F108ANS/F108AJS/F104AMW/
MB95F104ANW/F104AJW/F106AMW/F106ANW/F106AJW/F108AMW/F108ANW/F108AJW
• Operating voltage − Operating frequency (TA = + 5 °C to + 35 °C)
• MB95FV100D-103
2.7
5.5
131.072 kHz
16.384 kHz
2.7
32 kHz
5.5
16.25 MHz
0.5 MHz 3 MHz
10 MHz
3.5
Source clock frequency (FSPL)
Sub PLL, sub clock mode and
watch mode operation guarantee range
PLL operation guarantee range
Source clock frequency (FSP)
PLL operation guarantee range
Main clock operation guarantee range
Main clock mode and main PLL mode
operation guarantee range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com