Electronic Components Datasheet Search
  English  ▼

X  

MB95F108ANS Datasheet(PDF) 57 Page - fujitsu semiconductor

Part # MB95F108ANS
Description  8-bit Proprietary Microcontrollers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F108ANS Datasheet(HTML) 57 Page - fujitsu semiconductor

Back Button MB95F108ANS Datasheet HTML 53Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 54Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 55Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 56Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 57Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 58Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 59Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 60Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 61Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
MB95100AM Series
57
(Vcc
= 5.0 V ± 10%, AVss = Vss = 0.0 V, TA = − 40 °C to + 85 °C)
(Continued)
Parameter
Sym-
bol
Pin
name
Condition
Value*2
Unit
Remarks
Min
Max
SCL clock “L” width
tLOW
SCL0
R
= 1.7 kΩ,
C
= 50 pF*1
(2
+ nm / 2) tMCLK − 20
⎯
ns
Master mode
SCL clock “H” width
tHIGH
SCL0
(nm
/ 2) tMCLK − 20
(nm
/ 2 ) tMCLK + 20
ns
Master mode
Start condition hold
time
tHD;STA
SCL0
SDA0
(
−1 + nm / 2) tMCLK − 20 (−1 + nm) tMCLK + 20
ns
Master mode
Maximum value is
applied when m, n
= 1, 8.
Otherwise, the minimum
value is applied.
Stop condition setup
time
tSU;STO
SCL0
SDA0
(1
+ nm / 2) tMCLK − 20 (1 + nm / 2) tMCLK + 20
ns
Master mode
Start condition setup
time
tSU;STA
SCL0
SDA0
(1
+ nm / 2) tMCLK − 20 (1 + nm / 2) tMCLK + 20
ns
Master mode
Bus free time between
stop condition and
start condition
tBUF
SCL0
SDA0
(2 nm
+ 4) tMCLK − 20
⎯
ns
Data hold time
tHD;DAT
SCL0
SDA0
3 tMCLK
− 20
⎯
ns
Master mode
Data setup time
tSU;DAT
SCL0
SDA0
(
−2 + nm / 2) tMCLK − 20 (−1 + nm / 2) tMCLK + 20 ns
Master mode
When assuming that “L”
of SCL is not extended,
the minimum value is
applied to first bit of
continuous data.
Otherwise, the maximum
value is applied.
Setup time between
clearing interrupt and
SCL rising
tSU;INT SCL0
(nm
/ 2) tMCLK − 20
(1 + nm
/ 2) tMCLK + 20
ns
Minimum value is
applied to interrupt at 9th
SCL
↓.
Maximum value is
applied to interrupt at 8th
SCL
↓.
SCL clock “L” width
tLOW
SCL0
4 tMCLK
− 20
⎯
ns
At reception
SCL clock “H” width
tHIGH
SCL0
4 tMCLK
− 20
⎯
ns
At reception
Start condition
detection
tHD;STA
SCL0
SDA0
2 tMCLK
− 20
⎯
ns
Undetected when 1 tMCLK
is used at reception
Stop condition
detection
tSU;STO
SCL0
SDA0
2 tMCLK
− 20
⎯
ns
Undetected when 1 tMCLK
is used at reception
Restart detection
condition
tSU;STA
SCL0
SDA0
2 tMCLK
− 20
⎯
ns
Undetected when 1 tMCLK
is used at reception
Bus free time
tBUF
SCL0
SDA0
2 tMCLK
− 20
⎯
ns
At reception
Data hold time
tHD;DAT
SCL0
SDA0
2 tMCLK
− 20
⎯
ns
At slave transmission
mode
Data setup time
tSU;DAT
SCL0
SDA0
tLOW
− 3 tMCLK − 20
⎯
ns
At slave transmission
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com