Electronic Components Datasheet Search
  English  ▼

X  

REF2510 Datasheet(PDF) 4 Page - Amphenol Wilcoxon Sensing Technologies.

Part # REF2510
Description  ReferenceMate portable reference source
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

REF2510 Datasheet(HTML) 4 Page - Amphenol Wilcoxon Sensing Technologies.

  REF2510 Datasheet HTML 1Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 2Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 3Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 4Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 5Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 6Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 7Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 8Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 9Page - Amphenol Wilcoxon Sensing Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
97029 Rev.C.2 09/2020
Page 4 of 15
1.0 Introduction
This guide is designed to assist the user in the proper operation of the ReferenceMate portable
reference source (handheld shaker). Further information is provided on the use of accessory
items.
2.0 Description
The ReferenceMate portable vibration reference source enables users in the field to easily verify
sensor performance and the integrity of the cabling between the sensor and read-out
equipment, either online or portable units.
A built-in reference accelerometer assures that a 1 g test level is maintained for a unit under test
(sensor and mounting hardware) weighing up to 250 grams.
Frequency of operation and measurement types (peak/RMS) are selected
with front panel push buttons.
• 61.4 Hz for imperial measurements, where 1 g is equal to 1 inch per
second (ips), ideal for use with velocity sensors
• 100 Hz to confirm accelerometer performance at the same reference
frequency used by most manufacturers
• 159.2 for metric measurements, where 1 g is equal to 9.81 m/sec2
and 9.81 mm/sec.
A bottom-mounted D-ring belt clip is included for hands-free transport between locations when
in the field. The belt clip can be removed and replaced with a 70 lbf pull force magnet (optional)
for attachment to metal structures for hands-free operation.
LEDs notify the user when the battery condition falls below operational levels or if the unit is
overloaded. Reference test points are provided to test and check calibrati
on of the shaker’s
internal accelerometer.
3.0 Applicable models
The manual covers the model REF2500 handheld shaker included in the REF2510 and
REF2510R kits, and the use of applicable accessories, both standard and optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com