Electronic Components Datasheet Search
  English  ▼

X  

REF2510 Datasheet(PDF) 9 Page - Amphenol Wilcoxon Sensing Technologies.

Part # REF2510
Description  ReferenceMate portable reference source
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

REF2510 Datasheet(HTML) 9 Page - Amphenol Wilcoxon Sensing Technologies.

Back Button REF2510 Datasheet HTML 5Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 6Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 7Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 8Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 9Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 10Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 11Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 12Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 13Page - Amphenol Wilcoxon Sensing Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
97029 Rev.C.2 09/2020
Page 9 of 15
5.2.1 Mounting
The UUT can be attached directly to the shaker head using a 1/4-28 stud. Adaptor studs and
plates are available for mounting sensors with different size mounting threads. See Table 2
below.
NOTE: The stud or adaptor plate should be mounted finger
tight only, not exceeding 10 in-lb (112 N-cm) into the shaker
head. Exceeding the maximum torque may damage the
shaker. It is recommended to use the open end wrench when
mounting sensors to stabilize the shaker armature.
Table 2: Recommended torque values for standard and optional accessories
Standard mounting accessory for REF2510 and REF2510R kits
Part
number
Description
Rec. torque
REF2510
REF2510R
in-lb
N-m
SF6
1/4-28 to 1/4-28 mounting stud
24
2.7
Optional mounting accessories
Part
number
Description
Rec. torque
REF001
REF002
in-lb
N-m
SF3
1/4-28 to 10-32 adaptor stud
24 (18)
2.7 (2.0)
13249-01
1/4-28 to 8-32 adaptor plate (997 and 712 sensors)
24 (20)
2.7 (2.3)
13249-02
1/4-28 to 10-32 adaptor plate
24 (18)
2.7 (2.0)
13267-01
90° adaptor plate (993 series sensors)
24 (24)
2.7 (2.7)
SF6M-1
1/4-28 to M6 adaptor stud
24 (30)
2.7 (3.4)
SF6M
1/4-28 to M8 adaptor stud
24 (40)
2.7 (4.5)
13249-03
1/4-28 to M4 adaptor plate (997 and 712 sensors)
24 (20)
2.7 (2.3)
13249-04
1/4-28 to M6 adaptor plate (captive screw sensors)
24 (30)
2.7 (3.4)
13249-05
1/4-28 to M8 adaptor plate (captive screw sensors)
24 (40)
2.7 (4.5)
A specially designed angular plate is available for calibrating the 993B-7-M12 triaxial
accelerometer. This plate will excite all three axes simultaneously, resulting in 0.57 g per axis.
See section 6.0.
5.2.2 Power ON/OFF
Turns on the shaker for approximately 90 seconds. The unit will default to the previously
selected options. To defeat the auto shutoff feature and enable continuous operation, hold down
the FREQ button while turning the unit on. All three frequency LEDs will briefly illuminate to
indicate the shaker is in CONTINUOUS operating mode. The unit will now operate until the
ON/OFF button is pressed again. When the unit is turned off, it will revert to the AUTO-OFF
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com