Electronic Components Datasheet Search
  English  ▼

X  

REF2510 Datasheet(PDF) 13 Page - Amphenol Wilcoxon Sensing Technologies.

Part # REF2510
Description  ReferenceMate portable reference source
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

REF2510 Datasheet(HTML) 13 Page - Amphenol Wilcoxon Sensing Technologies.

Back Button REF2510 Datasheet HTML 7Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 8Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 9Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 10Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 11Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 12Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 13Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 14Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 15Page - Amphenol Wilcoxon Sensing Technologies.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
97029 Rev.C.2 09/2020
Page 13 of 15
7.0 Reference test points
Test points located in the battery compartment allow access to the control voltage used as part
of the motor feedback loop. Using an accurate AC DMM and/or an oscilloscope can help make
a determination as to the condition of the unit.
To access the reference test points, remove the battery cover (see section 4) and find the two
turret style connectors and connect the desired test leads. The “+” terminal is the AC output
voltage. The “-“ terminal is system ground.
CAUTION: When accessing the test points, proper precautions should be taken
against ESD (electrostatic discharge). Checking the test point voltage should be
done only in an ESD-safe environment.
7.1
Background information
The REF2500 contains an internal sine wave generator with a reference accelerometer in the
control loop to maintain a continuous output level of 1 g in either peak or RMS. The reference
accelerometer’s signal is fed through a charge amplifier to the control electronics.
Proper operation of the feedback control loop and accuracy of the internal voltage reference can
be verified by monitoring the voltage at the test point output. Since we are observing the
accelerometer signal, the test points will also provide information as to any mechanical or
significant electrical anomalies. In the event the REF2500 is dropped or otherwise abused,
measuring the output from the test points will confirm if the unit is still operational.
Figure 5: Test points
Test points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com