Electronic Components Datasheet Search
  English  ▼

X  

REF2510 Datasheet(PDF) 5 Page - Amphenol Wilcoxon Sensing Technologies.

Part # REF2510
Description  ReferenceMate portable reference source
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

REF2510 Datasheet(HTML) 5 Page - Amphenol Wilcoxon Sensing Technologies.

  REF2510 Datasheet HTML 1Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 2Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 3Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 4Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 5Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 6Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 7Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 8Page - Amphenol Wilcoxon Sensing Technologies. REF2510 Datasheet HTML 9Page - Amphenol Wilcoxon Sensing Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
97029 Rev.C.2 09/2020
Page 5 of 15
4.0 Set-up
The unit is powered by four AA alkaline batteries (provided with the unit). Rechargeable and
lithium batteries may also be used.
NOTE: Never mix battery types. For proper operation, use all alkaline, NiCad, etc.
types. When replacing batteries, always replace all four cells.
Access the battery compartment by unscrewing and removing the bottom cap (see figure 1A).
Remove the battery holder and insert four AA batteries into the holder, being careful to observe
correct polarity (see figure 1B). After the batteries are installed, insert the holder into the battery
cup and gently snap the holder onto the contacts. Re-attach the bottom cap. The
ReferenceMate is now ready to operate.
The shaker does not contain a battery charging system. If rechargeable batteries are used, they
must be charged external to the shaker.
Figure 1A: ReferenceMate with bottom cap
removed showing battery holder
Figure 1B: ReferenceMate with battery holder
removed from battery compartment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com