Electronic Components Datasheet Search
  English  ▼

X  

ADL5906 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5906
Description  50 Hz to 3.8 GHz 65 dB TruPwr™ Detector
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906 Datasheet(HTML) 4 Page - Analog Devices

  ADL5906 Datasheet HTML 1Page - Analog Devices ADL5906 Datasheet HTML 2Page - Analog Devices ADL5906 Datasheet HTML 3Page - Analog Devices ADL5906 Datasheet HTML 4Page - Analog Devices ADL5906 Datasheet HTML 5Page - Analog Devices ADL5906 Datasheet HTML 6Page - Analog Devices ADL5906 Datasheet HTML 7Page - Analog Devices ADL5906 Datasheet HTML 8Page - Analog Devices ADL5906 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
AD8362
Data Sheet
Rev. F | Page 4 of 33
SPECIFICATIONS
VS = 5 V, T = 25°C, ZO = 50 Ω, differential input drive via balun1, VTGT connected to VREF, VOUT tied to VSET, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL FUNCTION
Maximum Input Frequency
3.8
GHz
Input Power Range (Differential)
dB referred to 50 Ω impedance level, f ≤ 2.7 GHz, into 1:4 balun1
Nominal Low End of Range
−52
dBm
Nominal High End of Range
8
dBm
Input Voltage Range (Differential)
RMS voltage at input terminals, f ≤ 2.7 GHz, into input of the device
Nominal Low End of Range
1.12
mV rms
Nominal High End of Range
1.12
V rms
Input Power Range (S-Sided)
Single-ended drive, CW input, f ≤ 2.7 GHz, into input resistive network2
Nominal Low End of Range
−40
dBm
Nominal High End of Range
0
dBm
Input Voltage Range (S-Sided)
RMS voltage at input terminals, f ≤ 2.7 GHz
Nominal Low End of Range
2.23
mV rms
Nominal High End of Range
2.23
V rms
Input Power Range (S-Sided)
Single-ended drive, CW input, f ≥ 2.7 GHz, into matched input network3
Nominal Low End of Range
−35
dBm
Nominal High End of Range
124
dBm
Output Voltage Range
RL ≥ 200 Ω to ground
Nominal Low End of Range
100
mV
Nominal High End of Range
In general, VS − 0.1 V
4.9
V
Output Scaling (Log Slope)
50
mV/dB
Law Conformance Error
Over central 60 dB range, f ≤ 2.7 GHz
±0.5
dB
RF INPUT INTERFACE
Pin INHI, Pin INLO, ac-coupled, at low frequencies
Input Resistance
Single-ended drive, with respect to DECL
100
Ω
Differential drive
200
Ω
OUTPUT INTERFACE
Pin VOUT
Available Output Range
RL ≥ 200 Ω to ground
0.1
4.9
V
Absolute Voltage Range
Nominal Low End of Range
Measurement mode, f = 900 MHz, PIN = −52 dBm
0.32
0.48
V
Nominal High End of Range
Measurement mode, f = 900 MHz, PIN = +8 dBm
3.44
3.52
V
Source/Sink Current
VOUT held at VS/2, to 1% change
48
mA
Slew Rate Rising
CL = open
60
V/µs
Slew Rate Falling
CL = open
5
V/µs
Rise Time, 10% to 90%
0.2 V to 1.8 V, CLPF = Open
45
ns
Fall Time, 90% to 10%
1.8 V to 0.2 V, CLPF = Open
0.4
µs
Wideband Noise
CLPF = 1000 pF, fSPOT ≤ 100 kHz
70
nV/√Hz
VSET INTERFACE
Pin VSET
Nominal Input Voltage Range
To ±1 dB error
0.5
3.75
V
Input Resistance
68
kΩ
Scaling (Log Slope)
f = 900 MHz
46
50
54
mV/dB
Scaling (Log Intercept)
f = 900 MHz, into 1:4 balun
−64
−60
−56
dBm
−77
−73
−69
dBV
VOLTAGE REFERENCE
Pin VREF
Output Voltage
25°C
1.225
1.25
1.275
V
Temperature Sensitivity
−40°C ≤ TA ≤ +85°C
0.08
mV/°C
Output Resistance
8
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com