Electronic Components Datasheet Search
  English  ▼

X  

ADL5906 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5906
Description  50 Hz to 3.8 GHz 65 dB TruPwr™ Detector
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5906 Datasheet HTML 9Page - Analog Devices ADL5906 Datasheet HTML 10Page - Analog Devices ADL5906 Datasheet HTML 11Page - Analog Devices ADL5906 Datasheet HTML 12Page - Analog Devices ADL5906 Datasheet HTML 13Page - Analog Devices ADL5906 Datasheet HTML 14Page - Analog Devices ADL5906 Datasheet HTML 15Page - Analog Devices ADL5906 Datasheet HTML 16Page - Analog Devices ADL5906 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Data Sheet
AD8362
Rev. F | Page 13 of 33
FREQUENCY (MHz)
49.0
49.5
50.0
51.0
51.5
52.0
50.5
+85°C
+25°C
–40°C
Figure 26. Logarithmic Slope vs. Frequency,
Temperatures: −40°C, +25°C, and +85°C
FREQUENCY (MHz)
–63
–58
–57
–55
–54
–53
–56
+85°C
+25°C
–40°C
–62
–60
–59
–61
Figure 27. Logarithmic Intercept vs. Frequency,
Temperatures: −40°C, +25°C, and +85°C
TEMPERATURE (°C)
–3.0
–40
–1.5
–30 –20 –10
0
10
20
30
40
50
70
80
90
–1.0
–0.5
0.5
1.0
1.5
2.0
2.5
–2.0
–2.5
3.0
60
0
1900MHz
900MHz
2200MHz
Figure 28. Change in Logarithmic Slope vs. Temperature, 3 Sigma to Either
Side of Mean, Frequencies: 900 MHz, 1900 MHz, and 2200 MHz
TEMPERATURE (°C)
–2.0
–40
–1.5
–30 –20 –10
0
10
20
30
40
50
70
80
90
–1.0
–0.5
0.5
1.0
1.5
2.0
60
0
900MHz
1900MHz
2200MHz
Figure 29. Change in Logarithmic Intercept vs. Temperature, 3 Sigma to
Either Side of Mean, Frequencies: 900 MHz, 1900 MHz, and 2200 MHz
Figure 30. Slope Distribution, Frequency 900 MHz
Figure 31. Logarithmic Intercept Distribution, Frequency 900 MHz
SLOPE (mV/dB)
0
40
60
80
100
20
48
53
49
50
51
52
INTERCEPT (dBm)
0
40
60
70
80
20
50
30
10
–61.0
–58.0
–60.5
–60.0
–59.5
–59.0
–58.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com