Electronic Components Datasheet Search
  English  ▼

X  

ADL5906 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5906
Description  50 Hz to 3.8 GHz 65 dB TruPwr™ Detector
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5906 Datasheet HTML 20Page - Analog Devices ADL5906 Datasheet HTML 21Page - Analog Devices ADL5906 Datasheet HTML 22Page - Analog Devices ADL5906 Datasheet HTML 23Page - Analog Devices ADL5906 Datasheet HTML 24Page - Analog Devices ADL5906 Datasheet HTML 25Page - Analog Devices ADL5906 Datasheet HTML 26Page - Analog Devices ADL5906 Datasheet HTML 27Page - Analog Devices ADL5906 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
AD8362
Data Sheet
Rev. F | Page 24 of 33
Moderately low resistance values should be used to minimize
scaling errors due to the 70 kΩ input resistance at the VSET pin.
This resistor string also loads the output, and it eventually reduces
the load-driving capabilities if very low values are used. To
calculate the resistor values, use
R1 = R2' (SD/50 − 1)
(15)
where:
SD is the desired slope, expressed in mV/dB.
R2' is the value of R2 in parallel with 70 kΩ.
For example, using R1 = 1.65 kΩ and R2 = 1.69 kΩ (R2' =
1.649 kΩ), the nominal slope is increased to 100 mV/dB.
Note, however, that doubling the slope in this manner reduces
the maximum input signal to approximately −10 dBm because
of the limited swing of VOUT (4.9 V with a 5 V power supply).
TEMPERATURE COMPENSATION AND REDUCTION
OF TRANSFER FUNCTION RIPPLE
The transfer function ripple and intercept drift of the AD8362
can be reduced using two techniques detailed in Figure 57.
CLPF is reduced from its nominal value. For broadband-
modulated input signals, this results in increased noise at the
output that is fed back to the VSET pin.
The noise contained in this signal causes the gain of the VGA to
fluctuate around a central point, moving the wiper of the
Gaussian Interpolator back and forth on the R-2R ladder.
Because the gain-control voltage is constantly moving across at
least one of taps of the Gaussian Interpolator, the relationship
between the rms signal strength of the VGA output and the
VGA control voltage becomes independent of the VGA gain
control ripple (see Figure 56). The signal being applied to the
squaring cell is now lightly AM modulated. However, this does
not change the peak-to-average ratio of the signal.
2
1
0
–1
–2
ERROR (dB –40°C)
ERROR (dB +25°C)
ERROR (dB +85°C)
VOUT (+25°C)
VOUT (–40°C)
VOUT (+85°C)
PIN (dBm)
–60
–40
–50
–30
–20
–10
0
10
4.0
3.5
2.5
3.0
2.0
0.5
0
1.5
1.0
Figure 56. Transfer Function and Linearity with Combined Ripple Reduction
and Temperature Compensation Circuits, Frequency = 2.14 GHz,
Single-Carrier W-CDMA, Test Model 1-64
Because of the reduced filter capacitor, the rms voltage appearing
at the output of the error amplifier now contains significant
peak-to-peak noise. While it is critical to feed this signal back to
the VGA gain control input with the noise intact, the rms voltage
going to the external measurement node can be filtered using a
simple filter to yield a largely noise-free rms voltage.
The circuit shown in Figure 57 also incorporates a temperature
sensor that compensates temperature drift of the intercept. Because
the temperature drift varies with frequency, the amount of
compensation required must also be varied using R1 and R2.
These compensation techniques are discussed in more detail in
AN-653 Application Note, Improving Temperature, Stability, and
Linearity of High Dynamic Range RMS RF Power Detectors.
5V
0.1µF
FREQUENCY (MHz)
R1 (kΩ)
R2 (kΩ)
900
1.02
25.5
1900
1
82.5
2200
1
19.1
VPOS
VSET
VOUT
AD8031
VREF
VTGT
CLPF
440pF
ACOM
1ADDITIONAL PINS
OMITTED FOR CLARITY.
R1
R2
5V
VOUT_COMP
1µF
5V
0.1µF
1nF
TMP36F
0.1µF
1
2
5
VTEMP
COMM
AD83621
1
7
5
4
2
3
6
1kΩ
Figure 57. Temperature Compensation and Reduction of Transfer Function Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com