Electronic Components Datasheet Search
  English  ▼

X  

ADL5906 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5906
Description  50 Hz to 3.8 GHz 65 dB TruPwr™ Detector
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5906 Datasheet HTML 7Page - Analog Devices ADL5906 Datasheet HTML 8Page - Analog Devices ADL5906 Datasheet HTML 9Page - Analog Devices ADL5906 Datasheet HTML 10Page - Analog Devices ADL5906 Datasheet HTML 11Page - Analog Devices ADL5906 Datasheet HTML 12Page - Analog Devices ADL5906 Datasheet HTML 13Page - Analog Devices ADL5906 Datasheet HTML 14Page - Analog Devices ADL5906 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Data Sheet
AD8362
Rev. F | Page 11 of 33
INPUT AMPLITUDE (dBm)
–3.0
–60
–1.5
–55 –50 –45 –40 –35 –30 –25 –20 –15
–5 0
5 10
–1.0
–0.5
0.5
1.0
1.5
2.0
2.5
–2.0
15
–2.5
3.0
W-CDMA 15-CHANNEL
CW
W-CDMA 8-CHANNEL
–10
0
IS95 REVERSE LINK
Figure 14. Output Error from CW Linear Reference vs. Input Amplitude
with Different Waveforms, CW, IS95 Reverse Link, W-CDMA 8-Channel,
W-CDMA 15-Channel, Frequency 900 MHz, VTGT = 1.25 V
INPUT AMPLITUDE (dBm)
–3.0
–1.5
–1.0
–0.5
0.5
1.0
1.5
2.0
2.5
–2.0
–2.5
3.0
W-CDMA 15-CHANNEL
CW
W-CDMA
8-CHANNEL
W-CDMA
4-CHANNEL
–55 –50 –45 –40 –35 –30 –25 –20 –15
–5 0
5 10
–10
0
Figure 15. Output Error from CW Linear Reference vs. Input Amplitude
with Different W-CDMA Channel Loading, 4-Channel, 8-Channel,
15-Channel, Frequency 2200 MHz, VTGT = 1.25 V
INPUT AMPLITUDE (dBm)
0
1.0
–55 –50 –45 –40 –35 –30 –25 –20 –15
–5 0
5 10
1.5
2.0
2.5
3.0
3.5
4.0
0.5
–10
Figure 16. VOUT vs. Input Amplitude, 3 Sigma to Either Side of Mean,
Sine Wave, Frequency 900 MHz, Part-to-Part Variation
INPUT AMPLITUDE (dBm)
0
1.0
–55 –50 –45 –40 –35 –30 –25 –20 –15
–5 0
5 10
1.5
2.0
2.5
3.0
3.5
4.0
0.5
–10
Figure 17. VOUT vs. Input Amplitude, 3 Sigma to Either Side of Mean,
Sine Wave, Frequency 1900 MHz, Part-to-Part Variation
INPUT AMPLITUDE (dBm)
–3.0
–55
–1.5
–50 –45 –40 –35 –30 –25 –20 –15
–5
0
5
10
–1.0
–0.5
0.5
1.0
1.5
2.0
2.5
–2.0
–2.5
3.0
–10
0
–40°C
+25°C
+85°C
Figure 18. Logarithmic Law Conformance vs. Input Amplitude,
3 Sigma to Either Side of Mean, Sine Wave, Frequency 900 MHz,
Temperatures: −40°C, +25°C, and +85°C
INPUT AMPLITUDE (dBm)
–3.0
–55
–1.5
–50 –45 –40 –35 –30 –25 –20 –15
–5
0
5
10
–1.0
–0.5
0.5
1.0
1.5
2.0
2.5
–2.0
–2.5
3.0
–10
0
–45°C
+85°C
+25°C
Figure 19. Logarithmic Law Conformance vs. Input Amplitude,
3 Sigma to Either Side of Mean, Sine Wave, Frequency 1900 MHz,
Temperatures: −40°C, +25°C, and +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com