Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA392DBVT
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA392DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA392DBVT Datasheet HTML 4Page - Texas Instruments OPA392DBVT Datasheet HTML 5Page - Texas Instruments OPA392DBVT Datasheet HTML 6Page - Texas Instruments OPA392DBVT Datasheet HTML 7Page - Texas Instruments OPA392DBVT Datasheet HTML 8Page - Texas Instruments OPA392DBVT Datasheet HTML 9Page - Texas Instruments OPA392DBVT Datasheet HTML 10Page - Texas Instruments OPA392DBVT Datasheet HTML 11Page - Texas Instruments OPA392DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
6.6 Electrical Characteristics
at TA = 25°C, VS = 1.7 V to 5.5 V (single-supply) or VS = ±0.85 V to ±2.75 V (dual-supply), RL = 10 kΩ connected to VS / 2,
VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5.0 V
±1
±10
μV
OPA2392D
±1
±20
OPA392YBJ,
OPA2392YBJ
±1
±25
VS = 5.0 V,
VCM = (V+) – 200 mV
±2
±30
OPA2392YBJ
±2
±85
VS = 5.0 V,
TA = –40°C to +125°C(1)
±100
VCM = V–,
TA = –40°C to +125°C(1)
OPA392, OPA2392D,
OPA2392YBJ
±125
OPA2392DGK
±180
dVOS/dT
Input offset voltage drift
VS = 5.0 V
TA = 0°C to 85°C
±0.16
μV/°C
TA = –40°C to +125°C(1)
±0.6
VCM = 5.0 V,
TA = –40°C to +125°C(1)
±0.18
±0.9
PSRR
Power supply rejection
ratio
VCM = V–
±30
μV/V
TA = –40°C to +125°C(1)
±80
INPUT BIAS CURRENT
IB
Input bias current(1)
±0.01
±0.8
pA
TA = –40°C to +85°C
±5
TA = –40°C to +125°C
±30
IOS
Input offset current(1)
±0.01
±0.8
pA
TA = –40°C to +85°C
±5
TA = –40°C to +125°C
±30
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
2.0
μVPP
VCM = (V+) – 0.3
3.2
eN
Input voltage noise density
f = 10 Hz
42
nV/√Hz
VCM = (V+) – 0.3
80
f = 1 kHz
6.5
VCM = (V+) – 0.3
10.4
f = 10 kHz
4.4
VCM = (V+) – 0.3
5.8
iN
Input current noise density f = 1 kHz
OPA392DBV
70
fA/√Hz
OPA392YBJ, OPA2392
25
INPUT VOLTAGE
VCM
Common-mode voltage
range
V–
V+
V
CMRR
Common-mode rejection
ratio
(V–) < VCM < (V+) – 1.5 V
75
120
dB
TA = –40°C to +125°C
113
(V–) < VCM < (V+),
TA = –40°C to +125°C(1)
66
97
VS = 5.5 V
88
111
INPUT CAPACITANCE
ZID
Differential
1013 || 2.8
Ω || pF
ZICM
Common-mode
1013 || 3.5
Ω || pF
OPA392, OPA2392
SBOS926H – JANUARY 2021 – REVISED NOVEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA392 OPA2392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com