Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA392DBVT
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA392DBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA392DBVT Datasheet HTML 16Page - Texas Instruments OPA392DBVT Datasheet HTML 17Page - Texas Instruments OPA392DBVT Datasheet HTML 18Page - Texas Instruments OPA392DBVT Datasheet HTML 19Page - Texas Instruments OPA392DBVT Datasheet HTML 20Page - Texas Instruments OPA392DBVT Datasheet HTML 21Page - Texas Instruments OPA392DBVT Datasheet HTML 22Page - Texas Instruments OPA392DBVT Datasheet HTML 23Page - Texas Instruments OPA392DBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The OPAx392 is a unity-gain stable, precision operational amplifier family free from unexpected output and
phase reversal. The use of proprietary e-trim operational amplifier technology gives the benefit of low input
offset voltage over time and temperature, along with ultra-low input bias current. The OPAx392 are optimized
for full rail-to-rail input, allowing for low-voltage, single-supply operation or split-supply use. These miniature,
high-precision, low-noise amplifiers offer high-impedance inputs that have a common-mode range to the supply
rail, with low offset across the supply range, and a rail-to-rail output that swings within 5 mV of the supplies
under normal test conditions. The OPAx392 precision amplifiers are designed for upstream analog signal chain
applications in low or high gains, as well as downstream signal chain functions such as DAC buffering.
8.2 Typical Application
This single-supply, low-side, bidirectional current-sensing design example detects load currents from –1 A to
+1 A. The single-ended output spans from 110 mV to 3.19 V. This design uses the OPA392 because of the low
offset voltage and rail-to-rail input and output. One of the amplifiers is configured as a difference amplifier and
the other amplifier provides the reference voltage.
Figure 8-1 shows the schematic.
+
+
±
I
LOAD
V
BUS
V
OUT
V
CC
V
CC
V
REF
+
±
V
SHUNT
V
CC
U1A
U1B
R
4
R
SHUNT
R
1
R
3
R
L
R
5
R
6
R
2
Figure 8-1. Bidirectional Current-Sensing Schematic
OPA392, OPA2392
SBOS926H – JANUARY 2021 – REVISED NOVEMBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA392 OPA2392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com