Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA392DBVT
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA392DBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA392DBVT Datasheet HTML 15Page - Texas Instruments OPA392DBVT Datasheet HTML 16Page - Texas Instruments OPA392DBVT Datasheet HTML 17Page - Texas Instruments OPA392DBVT Datasheet HTML 18Page - Texas Instruments OPA392DBVT Datasheet HTML 19Page - Texas Instruments OPA392DBVT Datasheet HTML 20Page - Texas Instruments OPA392DBVT Datasheet HTML 21Page - Texas Instruments OPA392DBVT Datasheet HTML 22Page - Texas Instruments OPA392DBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
7.3 Feature Description
7.3.1 Low Operating Voltage
The OPAx392 family can be used with single or dual supplies from an operating range of VS = 1.7 V (±0.85 V) up
to 5.5 V (±2.75 V). The offset voltage is trimmed at 5.0 V, however, the device maintains ultra-low offset voltages
down to VS = 1.7 V.
Key parameters that vary over the supply voltage or temperature range are shown in the Typical Characteristics.
7.3.2 Low Input Bias Current
The typical input bias current of the OPAx392 is extremely low (typically 10 fA). Input bias current is dominated
by leakage current from the ESD protection diodes, which is proportional to the area of the diode. The
OPAx392 is able to achieve ultra-low input bias current as a result of modern process technology and advanced
electrostatic discharge (ESD) protection design that minimizes the area of the diode.
In overdriven conditions, the bias current can increase significantly. The most common cause of an overdriven
condition occurs when the operational amplifier is outside of the linear range of operation. When the output of
the operational amplifier is driven to one of the supply rails, the feedback loop requirements cannot be satisfied
and a differential input voltage develops across the input pins. This differential input voltage results in the
forward-biasing of the ESD cells. Figure 7-1 shows the equivalent circuit.
+
±
CORE
10
10
+IN
±IN
V+
V±
Figure 7-1. Equivalent Input Circuit
7.4 Device Functional Modes
The OPAx392 family is operational when the power-supply voltage is greater than 1.7 V (±0.85 V). For devices
that use the EN function (see Section 5), the devices are disabled when the EN pin is low. In this state, quiescent
current is significantly reduced, and the output is high impedance. The maximum specified power-supply voltage
for the OPAx392 is 5.5 V (±2.75 V).
www.ti.com
OPA392, OPA2392
SBOS926H – JANUARY 2021 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA392 OPA2392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com