Electronic Components Datasheet Search
  English  ▼

X  

MCP1630 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1630
Description  High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1630 Datasheet HTML 2Page - Microchip Technology MCP1630 Datasheet HTML 3Page - Microchip Technology MCP1630 Datasheet HTML 4Page - Microchip Technology MCP1630 Datasheet HTML 5Page - Microchip Technology MCP1630 Datasheet HTML 6Page - Microchip Technology MCP1630 Datasheet HTML 7Page - Microchip Technology MCP1630 Datasheet HTML 8Page - Microchip Technology MCP1630 Datasheet HTML 9Page - Microchip Technology MCP1630 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
MCP1630/MCP1630V
DS20001896D-page 6
 2004-2022 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
VDD.................................................................................................................................................................................................... 6.0V
Maximum Voltage on Any Pin ...................................................................................................................(VGND – 0.3)V to (VIN + 0.3)V
VEXT Short Circuit Current ............................................................................................................................................ Internally Limited
Storage Temperature ..................................................................................................................................................... -65°C to +150°C
Maximum Junction Temperature, TJ ............................................................................................................................................ +150°C
Continuous Operating Temperature Range ................................................................................................................... -40°C to +125°C
ESD Protection on All Pins, HBM
 3kV
†Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions
above those indicated in the operational listings of this specification is not implied. Exposure to maximum
rating conditions for extended periods may affect device reliability.
AC/DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, VIN = 3.0V to 5.5V, FOSC = 1 MHz with 10% Duty Cycle, CIN = 0.1 µF,
VIN for typical values = 5.0V, TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Voltage
Input Operating Voltage
VIN
3.0
—
5.5
V
—
Input Quiescent Current
I(VIN)—
2.8
4.5
mA
IEXT =0 mA, FOSC IN =0Hz
Oscillator Input
External Oscillator Range
FOSC
——
1
MHz
Note 1
Min. Oscillator High Time
Min. Oscillator Low Time
TOH_MIN
TOL_MIN
—10
—
ns
—
Oscillator Rise Time
TRISE
0.01
—
10
µs
Note 2
Oscillator Fall Time
TFALL
0.01
—
10
µs
Note 2
Oscillator Input Voltage Low
VL
——
0.8
V
—
Oscillator Input Voltage High
VH
2.0
—
—
V
—
Oscillator Input Capacitance
COSC
—5
—
pf
—
External Reference Input
Reference Voltage Input
VREF
0—
VIN
V
Note 2, Note 3
Error Amplifier
Input Offset Voltage
VOS
-4
0.1
+4
mV
—
Error Amplifier PSRR
PSRR
80
99
—
dB
VIN = 3.0V to 5.0V, VCM =1.2V
Common Mode Input Range
VCM
GND - 0.3
—
VIN
V
Note 2, Note 3
Common Mode Rejection Ratio
—
80
—
dB
VIN =5V, VCM = 0V to 2.5V
Open-loop Voltage Gain
AVOL
85
95
—
dB
RL =5k to VIN/2, 100 mV < VEAOUT
< VIN – 100 mV, VCM =1.2V
Low-level Output
VOL
—
25
GND + 50
mV
RL = 5 k
 to VIN/2
Gain Bandwidth Product
GBWP
—
3.5
—
MHz
VIN =5V
Error Amplifier Sink Current
ISINK
511
—
mA
VIN =5V, VREF = 1.2V, VFB =1.4V,
VCOMP =2.0V
Error Amplifier Source Current
ISOURCE
-2
-9
—
mA
VIN =5V, VREF = 1.2V, VFB =1.0V,
VCOMP = 2.0V, Absolute Value
Note 1:
Capable of higher frequency operation depending on minimum and maximum duty cycles needed.
2:
External oscillator input (OSC IN) rise and fall times between 10 ns and 10 µs used for characterization testing. Signal
levels between 0.8V and 2.0V with rise and fall times measured between 10% and 90% of maximum and minimum
values. Not production tested.
3:
The reference input of the internal amplifier is capable of rail-to-rail operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com