Electronic Components Datasheet Search
  English  ▼

X  

MCP1630 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1630
Description  High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1630 Datasheet HTML 1Page - Microchip Technology MCP1630 Datasheet HTML 2Page - Microchip Technology MCP1630 Datasheet HTML 3Page - Microchip Technology MCP1630 Datasheet HTML 4Page - Microchip Technology MCP1630 Datasheet HTML 5Page - Microchip Technology MCP1630 Datasheet HTML 6Page - Microchip Technology MCP1630 Datasheet HTML 7Page - Microchip Technology MCP1630 Datasheet HTML 8Page - Microchip Technology MCP1630 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
 2004-2022 Microchip Technology Inc. and its subsidiaries
DS20001896D-page 1
MCP1630/MCP1630V
Features
• High-Speed PWM Operation (12 ns Current
Sense to Output Delay)
• Operating Temperature Range:
- -40°C to +125°C
• Precise Peak Current Limit (±5%) (MCP1630)
• Voltage Mode and Average Current Mode Control
(MCP1630V)
• CMOS Output Driver (drives MOSFET driver or
low-side N-channel MOSFET directly)
• External Oscillator Input
(from PIC® Microcontroller (MCU))
• External Voltage Reference Input (for adjustable
voltage or current output application)
• Peak Current Mode Operation > 1 MHz
• Low Operating Current: 2.8 mA (typ.)
• Fast Output Rise and Fall Times: 5.9 ns and
6.2 ns
• Undervoltage Lockout (UVLO) Protection
• Output Short Circuit Protection
• Overtemperature Protection
• AEC-Q100 Qualified
Applications
• Intelligent Power Systems
• Smart Battery Charger Applications
• Multiple Output/Multiple Phase Converters
• Output Voltage Calibration
• AC Power Factor Correction
• VID Capability (programmed and calibrated by
PIC® microcontroller)
• Buck/Boost/Buck-Boost/SEPIC/Flyback/Isolated
Converters
• Parallel Power Supplies
Related Literature
• “MCP1630 NiMH Demo Board User’s Guide”,
Microchip Technology Inc., DS51505, 2004
• “MCP1630 Low-Cost Li-Ion Battery Charger
User’s Guide”, Microchip Technology Inc.,
DS51555, 2005
• “MCP1630 Li-Ion Multi-Bay Battery Charger
User’s Guide”, Microchip Technology Inc.,
DS51515, 2005
• “MCP1630 Dual Buck Demo Board User’s Guide”,
Microchip Technology Inc., DS51531, 2005
Description
MCP1630/V is a high-speed Pulse Width Modulator
(PWM) used to develop intelligent power systems.
When used with a microcontroller unit (MCU),
MCP1630/V will control the power system duty cycle to
provide output voltage or current regulation. The MCU
can be used to adjust output voltage or current,
switching frequency, maximum duty cycle and other
features that make the power system more intelligent.
Typical applications include smart battery chargers,
intelligent power systems, brick dc/dc converters, ac
power-factor correction, multiple output power supplies,
multi-phase power supplies and more.
MCP1630/V inputs were developed to be easily
attached to the I/O of a MCU. The MCU supplies the
oscillator and reference to MCP1630/V to provide the
most flexible and adaptable power system. The power
system switching frequency and maximum duty cycle
are set using the I/O of the MCU. The reference input
can be external, a D/A Converter (DAC) output or as
simple as an I/O output from the MCU. This enables the
power system to adapt to many external signals and
variables in order to optimize performance and
facilitate calibration.
When operating in Current mode, a precise limit is set
on the peak current. With the fast comparator speed
(typically 12 ns), MCP1630 is capable of providing a
tight limit on the maximum switch current over a wide
input voltage range when compared to other high-speed
PWM controllers.
For Voltage mode or Average Current mode
applications, MCP1630V provides a larger range for the
external ramp voltage.
Additional
protection
features
include:
UVLO,
overtemperature and overcurrent. MCP1630/V is
AEC-Q100 qualified for automotive applications.
Package Type
8-Lead DFN
1
2
3
4
8
7
6
5
FB
CS
OSC IN
COMP
VIN
VREF
VEXT
GND
1
2
3
4
8
7
6
5
FB
CS
OSC IN
COMP
VIN
VREF
VEXT
GND
8-Lead MSOP
(2 mm x 3 mm)
(3 mm x 3 mm)
High-Speed, Microcontroller-Adaptable,
Pulse Width Modulator


Similar Part No. - MCP1630

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630 Datasheet
440Kb / 18P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2004
MCP1630 MICROCHIP-MCP1630 Datasheet
353Kb / 26P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2005
MCP1630-E/MC MICROCHIP-MCP1630-E/MC Datasheet
353Kb / 26P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2005
MCP1630-E/MS MICROCHIP-MCP1630-E/MS Datasheet
353Kb / 26P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2005
MCP16301 MICROCHIP-MCP16301 Datasheet
974Kb / 38P
High Voltage Input Integrated Switch Step-Down Regulator
2011
More results

Similar Description - MCP1630

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66244FP MITSUBISHI-M66244FP Datasheet
78Kb / 15P
High Speed Monolithic Pulse Width Modulator
logo
Analog Devices
AD9560 AD-AD9560 Datasheet
424Kb / 8P
High Speed Monolithic Pulse Width Modulator
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630 Datasheet
440Kb / 18P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2004
MCP1630 MICROCHIP-MCP1630_05 Datasheet
353Kb / 26P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2005
MCP1631 MICROCHIP-MCP1631 Datasheet
594Kb / 34P
High-Speed, Pulse Width Modulator
2008
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630_13 Datasheet
365Kb / 26P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2004-2013
logo
Analog Devices
AD9560AKR AD-AD9560AKR Datasheet
427Kb / 8P
High Speed Monolithic Pulse Width Modulator
REV. 0
logo
Texas Instruments
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com