Electronic Components Datasheet Search
  English  ▼

X  

MCP1630 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP1630
Description  High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP1630 Datasheet HTML 8Page - Microchip Technology MCP1630 Datasheet HTML 9Page - Microchip Technology MCP1630 Datasheet HTML 10Page - Microchip Technology MCP1630 Datasheet HTML 11Page - Microchip Technology MCP1630 Datasheet HTML 12Page - Microchip Technology MCP1630 Datasheet HTML 13Page - Microchip Technology MCP1630 Datasheet HTML 14Page - Microchip Technology MCP1630 Datasheet HTML 15Page - Microchip Technology MCP1630 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
MCP1630/MCP1630V
DS20001896D-page 12
 2004-2022 Microchip Technology Inc. and its subsidiaries
4.0
DETAILED DESCRIPTION
4.1
Device Overview
The MCP1630 is comprised of a high-speed
comparator, high-bandwidth amplifier and logic gates
that can be combined with a PIC MCU to develop an
advanced programmable power supply. The oscillator
and reference voltage inputs are generated by the PIC
MCU so that switching frequency, maximum duty cycle
and output voltage are programmable. Refer to
Figure 4-1.
4.2
PWM
The VEXT output of the MCP1630/V is determined by
the output level of the internal high-speed comparator
and the level of the external oscillator. When the
oscillator level is high, the PWM output (VEXT) is forced
low. When the external oscillator is low, the PWM
output is determined by the output level of the internal
high-speed comparator. During UVLO, the VEXT pin is
held in the low state. During overtemperature
operation, the VEXT pin is high-impedance (100 k to
ground).
4.3
Normal Cycle by Cycle Control
The beginning of a cycle is defined when OSC IN
transitions from a high state to a low state. For normal
operation, the state of the high-speed comparator
output (R) is low and the Q output of the latch is low. On
the OSC IN high-to-low transition, the S and R inputs to
the high-speed latch are both low and the Q output will
remain unchanged (low). The output of the OR gate
(VDRIVE) will transition from a high state to a low state,
turning on the internal P-channel drive transistor in the
output stage of the PWM. This will change the PWM
output (VEXT) from a low state to a high state, turning
on the power-train external switch and ramping current
in the power-train magnetic device.
The sensed current in the magnetic device is fed into
the CS input (shown as a ramp) and increases linearly.
Once the sensed current ramp (MCP1630) reaches the
same voltage level as 1/3 of the EA output, the
comparator output (R) changes states (low-to-high)
and resets the PWM latch. The Q output transitions
from a low state to a high state, turning on the N-
channel MOSFET in the output stage, which turns off
the VEXT drive to the external MOSFET driver
terminating the duty cycle. The OSC IN will transition
from a low state to a high state while the VEXT pin
remains unchanged. If the CS input ramp had never
reached the same level as 1/3 of the error amplifier
output, the low-to-high transition on OSC IN would
terminate the duty cycle and this would be considered
maximum duty cycle. In either case, while OSC IN is
high, the VEXT drive pin is low, turning off the external
power-train switch. The next cycle will start on the
transition of the OSC IN pin from a high state to a low
state.
For Voltage mode or Average Current mode
applications that utilize a large signal ramp at the CS
input, the MCP1630V is used to provide more signal
(2.7V typ.). The operation of the PWM does not
change.
4.4
Error Amp/Comparator Current
Limit Function
The internal amplifier is used to create an error output
signal that is determined by the external VREF input and
the power supply output fed back into the FB pin. The
error amplifier output is rail-to-rail and clamped by a
precision 2.7V. The output of the error amplifier is then
divided down 3:1 (MCP1630) and connected to the
inverting input of the high-speed comparator. Since the
maximum output of the error amplifier is 2.7V, the
maximum input to the inverting pin of the high-speed
comparator is 0.9V. This sets the peak current limit for
the switching power supply.
For the MCP1630V, the maximum error amplifier
output is still 2.7V. However, the resistor divider is
removed, raising the maximum input signal level at the
high-speed comparator inverting input (CS) to 2.7V.
As the output load current demand increases, the error
amplifier output increases, causing the inverting input
pin of the high-speed comparator to increase.
Eventually, the output of the error amplifier will hit the
2.7V clamp, limiting the input of the high-speed
comparator to 0.9V max (MCP1630). Even if the FB
input continues to decrease (calling for more current),
the inverting input is limited to 0.9V. By limiting the
inverting input to 0.9V, the current-sense input (CS) is
limited to 0.9V, thus limiting the output current of the
power supply.
For Voltage mode control, the error amplifier output will
increase as input voltage decreases. A voltage ramp is
used instead of sensed inductor current at the CS input
of the MCP1630V. The 3:1 internal error amplifier
output resistor divider is removed in the MCP1630V
option to increase the maximum signal level input to
2.7V (typ.).
4.5
0% Duty Cycle Operation
The duty cycle of the VEXT output is capable of
reaching 0% when the FB pin is held higher than the
VREF pin (inverting error amplifier). This is
accomplished by the rail-to-rail output capability of the
error amplifier and the offset voltage of the high-speed
comparator. The minimum error amplifier output
voltage, divided by three, is less than the offset voltage
of the high-speed comparator. In the case where the
output voltage of the converter is above the desired
regulation point, the FB input will be above the VREF
input and the error amplifier will be pulled to the bottom
rail (GND). This low voltage is divided down 3:1 by the
2R and 1R resistor (MCP1630) and connected to the
input of the high-speed comparator. This voltage will be
low enough so that there is no triggering of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com