Electronic Components Datasheet Search
  English  ▼

X  

MCP1630 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1630
Description  High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1630 Datasheet HTML 6Page - Microchip Technology MCP1630 Datasheet HTML 7Page - Microchip Technology MCP1630 Datasheet HTML 8Page - Microchip Technology MCP1630 Datasheet HTML 9Page - Microchip Technology MCP1630 Datasheet HTML 10Page - Microchip Technology MCP1630 Datasheet HTML 11Page - Microchip Technology MCP1630 Datasheet HTML 12Page - Microchip Technology MCP1630 Datasheet HTML 13Page - Microchip Technology MCP1630 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
MCP1630/MCP1630V
DS20001896D-page 10
 2004-2022 Microchip Technology Inc. and its subsidiaries
Note: Unless otherwise noted, VIN = 3.0V to 5.5V, FOSC = 1 MHz with 10% Duty Cycle, CIN = 0.1 µF, VIN for typical
values = 5.0V, TA = -40°C to +125°C.
FIGURE 2-13:
EXT Output P-Channel
RDSON vs. Input Voltage.
FIGURE 2-14:
Error Amplifier Input Offset
Voltage vs. Input Voltage.
FIGURE 2-15:
Error Amplifier Input Offset
Voltage vs. Input Voltage.
FIGURE 2-16:
Current Sense Common
Mode Input Voltage Range vs. Input Voltage
(MCP1630V).
FIGURE 2-17:
Current Sense to VEXT
Delay vs. Input Voltage (MCP1630V).
0
2
4
6
8
10
12
14
16
18
Input Voltage (V)
TA = - 40°C
TA = + 25°C
TA = + 125°C
-250
-200
-150
-100
-50
0
Input Voltage (V)
TA = - 40°C
TA = + 25°C
TA = + 125°C
VCM IN = 0V
-200
-150
-100
-50
0
50
100
150
Input Voltage (V)
TA = - 40°C
TA = + 25°C
TA = + 125°C
VCM IN = 1.2V
1.5
1.8
2.1
2.4
2.7
3
3
3.5
4
4.5
5
5.5
Input Voltage (V)
CS Common Mode
Input Range
TA = +25°C
0
5
10
15
20
25
30
Input Voltage (V)
TA = +25°C
TA = +125°C
TA = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com