Electronic Components Datasheet Search
  English  ▼

X  

MCP1643 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1643
Description  1 MHz Low Start-up Voltage Synchronous Boost LED Constant Current Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1643 Datasheet(HTML) 4 Page - Microchip Technology

  MCP1643 Datasheet HTML 1Page - Microchip Technology MCP1643 Datasheet HTML 2Page - Microchip Technology MCP1643 Datasheet HTML 3Page - Microchip Technology MCP1643 Datasheet HTML 4Page - Microchip Technology MCP1643 Datasheet HTML 5Page - Microchip Technology MCP1643 Datasheet HTML 6Page - Microchip Technology MCP1643 Datasheet HTML 7Page - Microchip Technology MCP1643 Datasheet HTML 8Page - Microchip Technology MCP1643 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MCP1643
DS20005208B-page 4
 2013-2023 Microchip Technology Inc. and its subsidiaries
Minimum Duty Cycle
DCMIN
—5
—
%
Note 3
Switching Frequency
fSW
0.85
1.0
1.15
MHz
—
EN Input Logic High
VIH
75
—
—
% of VIN ILED=25mA
EN Input Logic Low
VIL
——
20
% of VIN ILED =25mA
EN Input Leakage Current
IENLK
—0.9
—
µA
VEN =1.2V
Soft Start Time
tSS
—240
—
µs
EN Low-to-High,
90% of VOUT;
ILED =25mA, (Note 3)
—270
—
µs
EN Low-to-High,
90% of VOUT;
ILED =300 mA, (Note 3)
Thermal Shutdown
Die Temperature
TSD
—150
—
CILED=25mA
Die Temperature
Hysteresis
TSDHYS
—25
—
C—
DC CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, VIN = EN = 1.2V, COUT =20µF, CIN =10µF, L = 4.7µH,
ILED =25mA, TA =+25°C. Boldface specifications apply over the TA range of -40°C to +85°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1: For VIN <VOUT, ILED remains in regulation up to VIN =VLED minus a headroom @ LED typical VF and IF.
2: VOUT completely discharged. If the output capacitor remains partially charged, the device will start-up at
the minimum possible voltage.
3: Determined by characterization, not production tested.
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, VIN = EN = 1.2V, COUT =20µF, CIN =10µF, L = 4.7µH,
ILED =25mA, TA =+25°C. Boldface specifications apply over the TA range of -40°C to +85°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Ambient Temperature Range
TA
-40
—
+85
°C
Steady State
Storage Temperature Range
TA
-65
—
+150
°C
—
Maximum Junction Temperature
TJ
—
—
+150
°C
Transient
Package Thermal Resistances
Thermal Resistance, 8-Lead,
2 mm x 3 mm DFN
JA
—68
—
°C/W
—
Thermal Resistance, 8-Lead, MSOP
JA
—211
—
°C/W
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com