Electronic Components Datasheet Search
  English  ▼

X  

MCP1643 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1643
Description  1 MHz Low Start-up Voltage Synchronous Boost LED Constant Current Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1643 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1643 Datasheet HTML 4Page - Microchip Technology MCP1643 Datasheet HTML 5Page - Microchip Technology MCP1643 Datasheet HTML 6Page - Microchip Technology MCP1643 Datasheet HTML 7Page - Microchip Technology MCP1643 Datasheet HTML 8Page - Microchip Technology MCP1643 Datasheet HTML 9Page - Microchip Technology MCP1643 Datasheet HTML 10Page - Microchip Technology MCP1643 Datasheet HTML 11Page - Microchip Technology MCP1643 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MCP1643
DS20005208B-page 8
 2013-2023 Microchip Technology Inc. and its subsidiaries
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Enable Pin (EN)
The EN pin is a logic-level input used to enable or
disable device switching. Device has low quiescent
current while disabled. A logic high (>75% of VIN) will
enable the regulator output. A logic low (<20% of VIN)
will ensure that the regulator is disabled.
3.2
Feedback Voltage Pin (VFB)
The VFB pin is used to regulate the voltage across the
RSET sense resistor to 120 mV, to keep the output LED
current in regulation.
3.3
Unconnected Pin (NC)
This pin is unconnected.
3.4
Output Voltage Power Pin (VOUT)
High current flows through the integrated P-Channel
and out of this pin to the output capacitor, LED load and
RSET sense resistor. The output voltage must be fil-
tered using a 4.7 µF to 20 µF X7R or X5R ceramic
capacitor. The value of the output capacitor depends
on the load current.
3.5
Switch Node Pin (SW)
Connect the inductor from the input voltage to the SW
pin. The SW pin carries inductor current and can be as
high as 1.6 A typical peak value. The integrated
N-Channel switch drain and integrated P-Channel
switch source are internally connected at the SW node.
3.6
Power Ground (PGND) and Signal
Ground Pins (SGND)
The power ground pin is used as a return for the high-
current N-Channel switch.
The signal ground pin is used as a return for the
integrated VFB and error amplifier.
The length of the trace from input cap return, output
cap return and PGND and SGND should be made as
short as possible to minimize noise on the ground pins.
The SGND and PGND pins are connected externally.
3.7
Power Supply Input Voltage Pin
(VIN)
Connect the input voltage source to VIN. The input
source should be decoupled to GND with a 4.7 µF
minimum capacitor.
3.8
Exposed Thermal Pad (EP)
There is no internal electrical connection between the
Exposed Thermal Pad (EP) and the PGND and SGND
pins. They must be connected to the same potential on
the Printed Circuit Board (PCB).
TABLE 3-1:
PIN FUNCTION TABLE
MCP1643
2x3 mm DFN
MCP1643
MSOP
Symbol
Description
11
EN
Enable pin. The logic high enables the operation. Do not allow this pin to
float.
22
VFB
Reference Voltage pin. Connect to the VFB pin, the RSET (LED current set
resistor), and the cathode of the LED load.
3
3
NC
Unconnected pin.
44
VOUT
Boost Converter Output pin. Connect to this pin the anode of the LED load.
An output filter capacitor is required.
55
SW
Boost and Rectifier Switch Input pin. Connect the boost inductor between
SW and VIN.
66
PGND
Power Ground Reference pin.
77
SGND
Signal Ground Reference pin.
88
VIN
Input Supply Voltage pin. A local bypass capacitor is required.
9
—
EP
Exposed Thermal Pad; must be connected to PGND and SGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com