Electronic Components Datasheet Search
  English  ▼

X  

MCP1643 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1643
Description  1 MHz Low Start-up Voltage Synchronous Boost LED Constant Current Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1643 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1643 Datasheet HTML 7Page - Microchip Technology MCP1643 Datasheet HTML 8Page - Microchip Technology MCP1643 Datasheet HTML 9Page - Microchip Technology MCP1643 Datasheet HTML 10Page - Microchip Technology MCP1643 Datasheet HTML 11Page - Microchip Technology MCP1643 Datasheet HTML 12Page - Microchip Technology MCP1643 Datasheet HTML 13Page - Microchip Technology MCP1643 Datasheet HTML 14Page - Microchip Technology MCP1643 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2013-2023 Microchip Technology Inc. and its subsidiaries
DS20005208B-page 11
MCP1643
4.2.6
INTERNAL COMPENSATION
The error amplifier, with its associated compensation
network, completes the closed loop system by
comparing the voltage from the sense resistor to a
120 mV reference at the input of the error amplifier and
feeding the amplified and inverted signal to the control
input of the inner current loop. The compensation net-
work provides phase leads and lags at appropriate fre-
quencies to cancel excessive phase lags and leads of
the power circuit. All necessary compensation compo-
nents and slope compensation are integrated.
4.2.7
SHORT CIRCUIT PROTECTION
Unlike most boost converters, the MCP1643 LED Con-
stant Current Driver allows its output to be shorted
during normal operation. The internal current limit and
overtemperature protection limit excessive stress and
protect the device during periods of short circuit, over-
current and overtemperature.
4.2.8
OUTPUT OVERVOLTAGE
PROTECTION
Overvoltage Protection is designed to protect the
MCP1643 if the output voltage (VOUT) becomes higher
than 5.0V. Because the device is a step-up converter
that runs as a constant current generator, if the load is
disconnected, the output increases up to dangerous
voltages. This happens when the LED fails. The device
stops switching and the VOUT value is verified periodi-
cally if it is higher than 5.0V (see Figure 2-18).
This feature does not protect the LED. An optional
Zener diode is added between VOUT and VFB pins to
clamp the output voltage and protects the LED against
excessive voltage and current.
4.2.9
OVERTEMPERATURE
PROTECTION
Overtemperature protection circuitry is integrated in the
MCP1643 LED Constant Current Driver. This circuitry
monitors the device junction temperature and shuts the
device off if the junction temperature exceeds the typi-
cal +150°C threshold. If this threshold is exceeded, the
device will automatically restart once the junction tem-
perature drops by 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com