Electronic Components Datasheet Search
  English  ▼

X  

MCP1643 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP1643
Description  1 MHz Low Start-up Voltage Synchronous Boost LED Constant Current Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1643 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP1643 Datasheet HTML 8Page - Microchip Technology MCP1643 Datasheet HTML 9Page - Microchip Technology MCP1643 Datasheet HTML 10Page - Microchip Technology MCP1643 Datasheet HTML 11Page - Microchip Technology MCP1643 Datasheet HTML 12Page - Microchip Technology MCP1643 Datasheet HTML 13Page - Microchip Technology MCP1643 Datasheet HTML 14Page - Microchip Technology MCP1643 Datasheet HTML 15Page - Microchip Technology MCP1643 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MCP1643
DS20005208B-page 12
 2013-2023 Microchip Technology Inc. and its subsidiaries
5.0
APPLICATION INFORMATION
5.1
Typical Applications
The MCP1643 synchronous boost regulator operates
at 0.5V input. The maximum output voltage range is
limited by overvoltage protection at 5.0V. LED current
stays in regulation while VIN  VOUT minus a
300 mV – 400 mV headroom. The power efficiency
conversion is high when driving LED currents up to
hundreds of mA. Output current capability is limited by
the 1.6A typical peak input current limit. Typical charac-
terization curves in this data sheet are presented to dis-
play the typical output current capability.
5.2
LED Brightness Control
5.2.1
ADJUSTABLE CONSTANT
CURRENT CALCULATIONS
To calculate the resistor values for the MCP1643’s LED
current, use Equation 5-1, where RSET is connected to
VFB and GND. The reference voltage (VFB) is 120 mV.
EQUATION 5-1:
EXAMPLE 1:
EXAMPLE 2:
Power dissipated on the RSET resistor is very low and
equal with VFB*ILED. For 100 mA LED current, the
power dissipated on sense resistor is only 12 mW, and
the efficiency of the conversion is high.
Equation 5-1 applies for one or even two LEDs in
series connection. The Typical Applications graphic
shows the maximum and minimum limits for RSET over
the input voltage range that ensures current regulation
for a white LED.
5.2.2
PWM DIMMING
LED’s brightness can also be controlled by setting a
maximum current allowed for LED (using Equation 5-1)
and lowering it in small steps with a variable duty cycle
PWM signal applied to the EN pin. The maximum fre-
quency for dimming is limited by the soft start, which
varies with the LED current. By varying the duty cycle
of the signal applied on the EN pin (from 0 to 100%),
the LED current is changing linearly (see Figure 2-8).
5.3
Input Capacitor Selection
The boost input current is smoothed by the boost
inductor, reducing the amount of filtering necessary at
the input. Some capacitance is recommended to
provide decoupling from the source. Low ESR X5R or
X7R are well suited, since they have a low temperature
coefficient and small size. For most applications,
4.7 µF of capacitance is sufficient at the input. For high-
power applications that have high-source impedance
or long leads, connecting the battery to 10 µF capaci-
tance is recommended. Additional input capacitance
can be added to provide a stable input voltage.
5.4
Output Capacitor Selection
The output capacitor helps provide a stable output
voltage and smooth load current during sudden load
transients, as is the PWM dimming. Ceramic capacitors
are well suited for this application (X5R and X7R). The
range of the output capacitor vary from 4.7 µF (in case
of light loads and static applications) up to 20 µF (for
hundreds of milliamp LED currents and PWM dimming
applications).
5.5
Connecting More LEDs to Output
White LEDs have a typical 2.7V to 3.2V forward voltage
(VF), which depends on the power dissipated according
to its VF/IF characteristic. Because MCP1643 allows up
to 5.0V maximum to output, two white LEDs in series
connection are not possible.
Two or more white LEDs can be connected in parallel
to output, as shown in Figure 6-1. Current sensing is
necessary only for one LED. Each LED of the string is
passed by the calculated current according to
Equation 5-1. A protection circuit formed by a Zener
and general purpose diodes will protect the rest of
LEDs, if the LED in the sense loop fails.
Two red, green or yellow LEDs can be connected in
series to the output of MCP1643 (see application
example on Figure 6-2). Red LEDs have a typical VF
between 1.8V and 2.2V (it depends on the real color),
yellow LEDs have the VF between 2.1V and 2.2V, while
for green options, consider values from 2.0V to 2.4V.
VFB = 120 mV
ILED =25 mA
RSET =4.8Ωwith a standard value of 4.7Ω
ILED is 25.53 mA)
VFB =120 mV
ILED =100 mA
RSET =1.2Ω
ILED
VFB
RSET
------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com