Electronic Components Datasheet Search
  English  ▼

X  

YSS952 Datasheet(PDF) 60 Page - YAMAHA CORPORATION

Part # YSS952
Description  Two dedicated DSP (MDSP2, SDSP) and FM synthesizer in a single package.
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS952 Datasheet(HTML) 60 Page - YAMAHA CORPORATION

Back Button YSS952 Datasheet HTML 56Page - YAMAHA CORPORATION YSS952 Datasheet HTML 57Page - YAMAHA CORPORATION YSS952 Datasheet HTML 58Page - YAMAHA CORPORATION YSS952 Datasheet HTML 59Page - YAMAHA CORPORATION YSS952 Datasheet HTML 60Page - YAMAHA CORPORATION YSS952 Datasheet HTML 61Page - YAMAHA CORPORATION YSS952 Datasheet HTML 62Page - YAMAHA CORPORATION YSS952 Datasheet HTML 63Page - YAMAHA CORPORATION YSS952 Datasheet HTML 64Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 116 page
background image
3 FUNCTION DESCRIPTION
YSS952
6SS952A30
60
3.4.3
The Host Controller Requests to MDSP2 Processing
The host controller uses MDSPREF [7:0] and MDSPDAT [7:0] to send requests to MDSP2 processing programs.
MDSPREQ [7:0] is 0x00 when there's no request pending.
The host controller program and a MDSP2 program can assign and use values in 0x01 through 0xFF in
MDSPREQ [7:0] for their agreed upon requests. MDSPDAT [7:0] is used for transferring data of those requests.
In the following example, how a request—MDSPREQ [7:0]=0x01, defined and used to transfer data in
MDSPDAT [7:0] written by the host controller to a MDSP2 firmware—is handled by a handshaking protocol is
illustrated.
[Note 1] When values of 0x01 through 0xFF in MDSPREQ [7:0] are assigned and used for the host
controller–MDSP2 command request, each request requires a dispatching code segment in MDSP2
firmware.
[Note 2] While waiting for MDSPREQ [7:0]==0x00 indication from MDSP2, the host controller can attend
other tasks than the polling.
MDSPREQ[7:0] == 0x00?
NO
Writes 0x01 to MDSPREQ[7:0].
Reads MDSPREQ[7:0].
Reads MDSPDAT[7:0] to obtains the data.
Writes 0x00 to MDSPREQ[7:0].
YES
NO
YES
MDSPREQ[7:0] == 0x00?
NO
YES
MDSPREQ[7:0] == 0x01?
End
Handled by the host processor
Handled by the MDSP2 firmware
Start
Reads MDSPREQ[7:0].
Writes MDSPDAT[7:0].
Reads MDSPREQ[7:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com