Electronic Components Datasheet Search
  English  ▼

X  

YSS952 Datasheet(PDF) 3 Page - YAMAHA CORPORATION

Part # YSS952
Description  Two dedicated DSP (MDSP2, SDSP) and FM synthesizer in a single package.
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS952 Datasheet(HTML) 3 Page - YAMAHA CORPORATION

  YSS952 Datasheet HTML 1Page - YAMAHA CORPORATION YSS952 Datasheet HTML 2Page - YAMAHA CORPORATION YSS952 Datasheet HTML 3Page - YAMAHA CORPORATION YSS952 Datasheet HTML 4Page - YAMAHA CORPORATION YSS952 Datasheet HTML 5Page - YAMAHA CORPORATION YSS952 Datasheet HTML 6Page - YAMAHA CORPORATION YSS952 Datasheet HTML 7Page - YAMAHA CORPORATION YSS952 Datasheet HTML 8Page - YAMAHA CORPORATION YSS952 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 116 page
background image
YSS952
6SS952A30
3
PRECAUTIONS AND INSTRUCTIONS FOR SAFETY
WARNING
Prohibited
Do not use the device under stresses beyond those listed in Absolute Maximum Ratings.
Such stresses may become causes of breakdown, damages, or deterioration, causing explosion
or ignition, and this may lead to fire or personal injury.
Prohibited
Do not mount the device reversely or improperly and also do not connect a supply voltage in
wrong polarity. Otherwise, this may cause current and/or power-consumption to exceed the
absolute maximum ratings, causing personal injury due to explosion or ignition as well as causing
breakdown, damages, or deterioration.
And, do not use the device again that has been improperly mounted and powered once.
Prohibited
Do not short between pins.
In particular, when different power supply pins, such as between high-voltage and low-voltage
pins, are shorted, smoke, fire, or explosion may take place.
Instructions
As to devices capable of generating sound from its speaker outputs, please design with safety of
your products and system in mind, such as the consequences of unusual speaker output due to a
malfunction or failure. A speaker dissipates heat in a voice-coil by air flow accompanying vibration
of a diaphragm. When a DC signal (several Hz or less) is input due to device failure, heat
dissipation characteristics degrade rapidly, thereby leading to voice-coil burnout, smoking or
ignition of the speaker even if it is used within the rated input value.
CAUTION
Prohibited
Do not use Yamaha products in close proximity to burning materials, combustible substances, or
inflammable materials, in order to prevent the spread of the fire caused by Yamaha products, and
to prevent the smoke or fire of Yamaha products due to peripheral components.
Instructions
Generally, semiconductor products may malfunction and break down due to aging, degradation,
etc. It is the responsibility of the designer to take actions such as safety design of products and
the entire system and also fail-safe design according to applications, so as not to cause property
damage and/or bodily injury due to malfunction and/or failure of semiconductor products.
Instructions
The built-in DSP may output the maximum amplitude waveform suddenly due to malfunction from
disturbances etc. and this may cause damage to headphones, external amplifiers, and human
body (the ear). Please pay attention to safety measures for device malfunction and failure both in
product and system design.
Instructions
As semiconductor devices are not nonflammable, overcurrent or failure may cause smoke or fire.
Therefore, products should be designed with safety in mind such as using overcurrent protection
circuits to control the amount of current during operation and to shut off on failure.
Instructions
Products should be designed with fail safe in mind in case of malfunction of the built-in protection
circuits. Note that the built-in protection circuits such as overcurrent protection circuit and
high-temperature protection circuit do not always protect the internal circuits. In some cases,
depending on usage or situations, such protection circuit may not work properly or the device
itself may break down before the protection circuit kicks in.
Instructions
Use a robust power supply.
The use of an unrobust power supply may lead to malfunctions of the protection circuit, causing
device breakdown, personal injury due to explosion, or smoke or fire.
Instructions
Product's housing should be designed with the considerations of short-circuiting between pins of
the mounted device due to foreign conductive substances (such as metal pins etc.). Moreover,
the housing should be designed with spatter prevention etc. due to explosion or burning.
Otherwise, the spattered substance may cause bodily injury.
Instructions
The device may be heated to a high temperature due to internal heat generation during
operation. Therefore, please take care not to touch an operating device directly.
v02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com