Electronic Components Datasheet Search
  English  ▼

X  

HAA2018 Datasheet(PDF) 2 Page - ShenZhen ChipSourceTek Technology Co.,Ltd.

Part # HAA2018
Description  Class AB/Class D switching function, 5.3W output power single channel audio power amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSOURCETEK [ShenZhen ChipSourceTek Technology Co.,Ltd.]
Direct Link  https://www.chipsourcetek.com/
Logo CHIPSOURCETEK - ShenZhen ChipSourceTek Technology Co.,Ltd.

HAA2018 Datasheet(HTML) 2 Page - ShenZhen ChipSourceTek Technology Co.,Ltd.

  HAA2018 Datasheet HTML 1Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 2Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 3Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 4Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 5Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 6Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 7Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 8Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 9Page - ShenZhen ChipSourceTek Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HAA2018
AB 类/D 类切换功能,5.3W 输出功率 单通道音频功率放大器
引脚排列
管脚描述
管脚
符号
I/O
描述
1
SD
I
系统关断控制(高电平关机,低电平工作)
2
BYPASS
I
参考电压
3
MODE
I/O
D 类,AB 类选择(高电平 D 类,低电平 AB 类)
4
-IN
I
音频负输入端
5
OUTN
O
音频负输出端
6
VDD
电源
7
GND
地
8
OUTP
O
音频正输出端
9(Thermal Pad)
GND
芯片底部散热片接地
TEL: +86-0755-27595155 27595165
FAX: +86-0755-27594792
WEB:Http://www.ChipSourceTek.com
E-mail: Tony.Wang@ChipSourceTek.com InFo@ChipSourceTek.com
矽源特科技
ChipSourceTek



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com