Electronic Components Datasheet Search
  English  ▼

X  

HAA2018 Datasheet(PDF) 4 Page - ShenZhen ChipSourceTek Technology Co.,Ltd.

Part # HAA2018
Description  Class AB/Class D switching function, 5.3W output power single channel audio power amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSOURCETEK [ShenZhen ChipSourceTek Technology Co.,Ltd.]
Direct Link  https://www.chipsourcetek.com/
Logo CHIPSOURCETEK - ShenZhen ChipSourceTek Technology Co.,Ltd.

HAA2018 Datasheet(HTML) 4 Page - ShenZhen ChipSourceTek Technology Co.,Ltd.

  HAA2018 Datasheet HTML 1Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 2Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 3Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 4Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 5Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 6Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 7Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 8Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 9Page - ShenZhen ChipSourceTek Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HAA2018
AB 类/D 类切换功能,5.3W 输出功率 单通道音频功率放大器
D类 电气特性
( Gain=23dB, RL =4Ω, T =25°C, unless otherwise noted.)
Symbol
Parameter
Test Conditions
MIN TYP MAX UNIT
PO
D 类模式输出功率
THD+N=10%,f=1KHZ,RL=4Ω
VDD=5.0V
3.2
W
VDD=3.7V
1.7
THD+N=1%,f=1KHZ,RL=4Ω
VDD=5.0V
2.6
W
VDD=3.7V
1.4
THD+N=10%,f=1KHZ,RL=2Ω
VDD=5.0V
5.3
W
VDD=3.7V
2.8
THD+N=1%,f=1KHZ,RL=2Ω
VDD=5.0V
4.2
W
VDD=3.7V
2.2
THD+N
总谐波失真+噪声
VDD=5.0V, PO=1W, RL=4Ω
f=1KHz
0.1
%
VDD=3.7V, PO=1W, RL=4Ω
0.28
VDD=5.0V, PO=2W, RL=2Ω
f=1KHz
0.21
%
VDD=3.7V, PO=2W, RL=2Ω
1.1
GV
D 类模式增益
Ri = 22K
23
dB
PSRR
电源纹波抑制比
VDD=5V ±200mVp-p
f=217Hz
70
dB
SNR
信噪比
VDD=5.0V,Vorms=1V,
GV=23dB
f=1KHz
-85
dB
Vn
残余噪声
VDD=5.0V,Input floating with
CIN=0.1μF
A-weighting
75
μV
No
A-weighting
110
Dyn
动态范围
VDD=5.0V, THD=1%
f=1KHz
-90
dB
IQ
静态电流
VDD=5.0V
No Load
4
mA
VDD=3.0V
3.6
η
效率
VDD=5V,RL=4Ω,Po=3W
f=1KHz
90
%
VDD=5V,RL=2Ω,Po=5W
f=1KHz
85
rDS(on)
源漏导通电阻
VDD=5V,IO=500mA
N+P
480
mΩ
Fosc
D 类调制频率
VIN=2.5V to 5.0V
600
kHz
Rin
内置输入电阻
5
K Ω
Rf
内置反馈电阻
400
K Ω
ISD
关断电流
VIN=0V, VDD=5V
0.1
1
μA
Vos
失调电压
VIN=0V, VDD=5V
10
30
mV
Tst
启动时间
Bypass capacitor =1uF
VDD=5V
130
mS
OTP
-
No Load, Junction Temperature
VDD=5.0V
165
°C
OTH
-
15
TEL: +86-0755-27595155 27595165
FAX: +86-0755-27594792
WEB:Http://www.ChipSourceTek.com
E-mail: Tony.Wang@ChipSourceTek.com InFo@ChipSourceTek.com
矽源特科技
ChipSourceTek



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com