Electronic Components Datasheet Search
  English  ▼

X  

HAA2018 Datasheet(PDF) 7 Page - ShenZhen ChipSourceTek Technology Co.,Ltd.

Part # HAA2018
Description  Class AB/Class D switching function, 5.3W output power single channel audio power amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSOURCETEK [ShenZhen ChipSourceTek Technology Co.,Ltd.]
Direct Link  https://www.chipsourcetek.com/
Logo CHIPSOURCETEK - ShenZhen ChipSourceTek Technology Co.,Ltd.

HAA2018 Datasheet(HTML) 7 Page - ShenZhen ChipSourceTek Technology Co.,Ltd.

  HAA2018 Datasheet HTML 1Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 2Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 3Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 4Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 5Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 6Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 7Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 8Page - ShenZhen ChipSourceTek Technology Co.,Ltd. HAA2018 Datasheet HTML 9Page - ShenZhen ChipSourceTek Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HAA2018
AB 类/D 类切换功能,5.3W 输出功率 单通道音频功率放大器
-120
-40
-100
-80
-60
d
B
V
10
20k
20
50 100 200 500 1k 2k
5k 10k
Hz
典型特征曲线(AB类工作模式,VDD =5V, Gain=23dB, RL =4Ω, T =25°C, unless otherwise noted.)
THD+N vs Output Power
THD+N vs Output Power
0.006
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
%
1m
4
2m
5m 10m
100m
500m 1
2
W
0.04
20
0.1
0.2
0.5
1
2
5
10
%
1m
6
2m 5m 10m
100m
500m 1 2
W
THD+N VS FREQUENCY
Frequency Response
0.01
5
0.02
0.05
0.1
0.2
0.5
1
2
%
20
20k
50 100 200
500 1k
2k
5k
Hz
+12
+24
+14
+16
+18
+20
+22
d
B
g
A
20
20k
50 100 200
500 1k 2k
5k
Hz
NOISE FLOOR FFT
RL=4ohm Gain=23dB
VDD= 3.6V , 4.2V , 5V
RL=2ohm Gain=23dB
VDD= 3.6V , 4.2V , 5V
RL=4ohm Gain=23dB
RL=4ohm Gain=23dB
Vo=1Vp-p
RL=4ohm Gain=23dB
Cin=0.1uF Rin=22K
TEL: +86-0755-27595155 27595165
FAX: +86-0755-27594792
WEB:Http://www.ChipSourceTek.com
E-mail: Tony.Wang@ChipSourceTek.com InFo@ChipSourceTek.com
矽源特科技
ChipSourceTek



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com