Electronic Components Datasheet Search
  English  ▼

X  

KB3310 Datasheet(PDF) 5 Page - Kingbor Technology Co

Part # KB3310
Description  Preliminary Product Information MicroPower Charge Pump Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3310 Datasheet(HTML) 5 Page - Kingbor Technology Co

  KB3310 Datasheet HTML 1Page - Kingbor Technology Co KB3310 Datasheet HTML 2Page - Kingbor Technology Co KB3310 Datasheet HTML 3Page - Kingbor Technology Co KB3310 Datasheet HTML 4Page - Kingbor Technology Co KB3310 Datasheet HTML 5Page - Kingbor Technology Co KB3310 Datasheet HTML 6Page - Kingbor Technology Co KB3310 Datasheet HTML 7Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
KB3310
Kingbor Technology Co.,Ltd
TEL:(86)0755-83095458 FAX:(86)0755-88364052
Preliminary Product Information
MicroPower Charge Pump Converter
TYPICAL PERFORMANCE CHARACTERISTICS
APPLICATION CIRCUIT
VOUT
GND
SHDN
C-
C+
VIN
= 10µF
CIN = 10µF
V
=3.0V to 5.0V
IN
1µF
1
2
3
6
5
4
PWM/EN
LED Driver from a Li-Ion Battery Source
KB3310



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com