Electronic Components Datasheet Search
  English  ▼

X  

KB3310 Datasheet(PDF) 1 Page - Kingbor Technology Co

Part # KB3310
Description  Preliminary Product Information MicroPower Charge Pump Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3310 Datasheet(HTML) 1 Page - Kingbor Technology Co

  KB3310 Datasheet HTML 1Page - Kingbor Technology Co KB3310 Datasheet HTML 2Page - Kingbor Technology Co KB3310 Datasheet HTML 3Page - Kingbor Technology Co KB3310 Datasheet HTML 4Page - Kingbor Technology Co KB3310 Datasheet HTML 5Page - Kingbor Technology Co KB3310 Datasheet HTML 6Page - Kingbor Technology Co KB3310 Datasheet HTML 7Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VOUT
GND
SHDN
C-
C+
VIN
COUT = 10µF
CIN = 10µF
V
=5.0V (150
)
OUT
V
=3.3V to 5.0V
IN
1µF
ON/OFF
The kB3310 is a MicroPower switched capacitor
voltage converter that delivers a regulated output. No
external inductor is required for operation.
The kB3310 can deliver up to 150mA to the voltage
regulated output. It features very low quiescent current
and high efficiency over a large portion of its load range,
making
this
device
ideal
for
battery-powered
applications. Furthermore, the combination of few
external components and small package size keeps the
total
converter
board
area
to
a
minimum
in
space-restricted applications.
The kB3310 uses a pulse skipping technique to provide
a regulated output from a varying input supply. The
kB3310 contains a thermal management circuit to
protect the device under continuous output short-circuit
conditions.
The kB3310 has lead (Pb) free SOT23-6 package and is
rated over the -30°C to +85°C temperature range.
Step-Up Voltage Converter
Input Voltage Range: 2.7 to 5.0V
Low input current 25
High Output Voltage Accuracy
Peak Current 250mA for 100ms
High Frequency 750kHz Operation
Logic-Controlled Shutdown
Short-Circuit/Over-Temperature Protection
Lead (Pb) Free
SOT23-6 Package
A
3%
150mA output current with VIN 3.3V
Cellular Phones
Digital Cameras
Handheld Electronics
LED/Display Backlight Driver
LEDs for Camera Flash
Portable Communication Devices
MP3 Players
GPS Receivers
PDAs
1
2
3
6
5
4
APPLICATIONS
FEATURES
DESCRIPTION
APPLICATION CIRCUIT
1
KB3310
Kingbor Technology Co.,Ltd
TEL:(86)0755-83095458 FAX:(86)0755-88364052
Preliminary Product Information
MicroPower Charge Pump Converter
mA
KB3310


Similar Part No. - KB3310

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3301 KINGBOR-KB3301 Datasheet
97Kb / 5P
Step-up DC/DC converter
KB3301MR KINGBOR-KB3301MR Datasheet
97Kb / 5P
Step-up DC/DC converter
KB3301PR KINGBOR-KB3301PR Datasheet
97Kb / 5P
Step-up DC/DC converter
KB3302 KINGBOR-KB3302 Datasheet
248Kb / 17P
2Amp, 2MHz Step-up Switching regulator with Soft-Start
KB3302DD KINGBOR-KB3302DD Datasheet
248Kb / 17P
2Amp, 2MHz Step-up Switching regulator with Soft-Start
More results

Similar Description - KB3310

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
MicroPower??Regulated Charge Pump
AAT3111 ANALOGICTECH-AAT3111 Datasheet
543Kb / 16P
MicroPower??Regulated Charge Pump
logo
Micrel Semiconductor
MIC2141 MICREL-MIC2141 Datasheet
154Kb / 16P
Micropower Boost Converter Preliminary Information
logo
Aimtron Technology
AT1310 AIMTRON-AT1310 Datasheet
690Kb / 11P
MicroPower Charge Pump Converter
logo
Advanced Analog Technol...
AAT3110 AAT-AAT3110 Datasheet
284Kb / 20P
MicroPower??Regulated Charge Pump
3110.2005.11.1.4
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
MicroPower??Regulated Charge Pump
3111.2006.06.1.3
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
MicroPower Regulated Charge Pump
logo
Linear Technology
LTC3221 LINER-LTC3221_15 Datasheet
500Kb / 12P
Micropower, Regulated Charge Pump
LTC3221-5 LINER-LTC3221-5_15 Datasheet
500Kb / 12P
Micropower, Regulated Charge Pump
logo
Renesas Technology Corp
UPD78F0949 RENESAS-UPD78F0949 Datasheet
551Kb / 72P
PRELIMINARY PRODUCT INFORMATION
1999
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com