Electronic Components Datasheet Search
  English  ▼

X  

KB3310 Datasheet(PDF) 3 Page - Kingbor Technology Co

Part # KB3310
Description  Preliminary Product Information MicroPower Charge Pump Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3310 Datasheet(HTML) 3 Page - Kingbor Technology Co

  KB3310 Datasheet HTML 1Page - Kingbor Technology Co KB3310 Datasheet HTML 2Page - Kingbor Technology Co KB3310 Datasheet HTML 3Page - Kingbor Technology Co KB3310 Datasheet HTML 4Page - Kingbor Technology Co KB3310 Datasheet HTML 5Page - Kingbor Technology Co KB3310 Datasheet HTML 6Page - Kingbor Technology Co KB3310 Datasheet HTML 7Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
0
Rated Value
Parameter
Symbol
Condition
Min.
Max.
Unit
Power supply voltage
VIN
—
—
6.5
V
OUT pin voltage
VOUT
—
—
6.5
V
SHDN pin voltage
VSHDN
—
—
6.5
V
Allowable dissipation
PD
—
—
250
mW
Operating temperature
TOP
—
-30
+85
0C
Storage temperature
Tstg
—
-55
+125
0C
(Ta=+25
0
C)
Values
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input Voltage
VIN
VOUT =5.0V
2.7
-
VOUT
V
No Load Supply
Current
VStart
2.7V< VIN <5.0V,IOUT=0mA,
/SHDN=VIN
-
25
40
A
2.7V< VIN <5.0V ,IOUT 50mA
4.85
5.0
5.15
V
Output Voltage
VOUT
3.3V< VIN <5.0V ,IOUT 150mA
2.7V< VIN <3.6V ,IOUT=0mA,
EN=0V
-
-
1
A
Shutdown Current
ISHDN
3.6V< VIN <5.0V ,IOUT=0mA,
EN=0V
-
-
4
A
VIN =3V, IOUT =50mA
-
25
-
mV
Ripple Current
VRipple
VIN =3.3V,IOUT=150mA
-
40
-
mV
VIN =3V, IOUT =50mA
-
85
-
%
Efficency
VIN =2.7V, IOUT =50mA
-
93
-
%
Frequency
F
Oscillator Free Running
850
KHz
VIH
1.4
-
-
V
EN Input
Threshold
VIL
-
-
0.3
V
IIH
EN= VIN
-2
-
2
A
EN Input Current
IIL
EN= 0V
-2
-
2
A
OUT Turn-ON time
tON
VIN =3V, IOUT =0mA
-
2
-
ms
Short-Circuit Current
ISC
VIN =3V,VOUT =GND,EN=3V
-
300
-
mA
4.85
5.0
5.15
V
600
1000
3
KB3310
Kingbor Technology Co.,Ltd
TEL:(86)0755-83095458 FAX:(86)0755-88364052
Preliminary Product Information
MicroPower Charge Pump Converter
ABSOLUTE MAXIMUM RATINGS (Ta=+250C)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com