Electronic Components Datasheet Search
  English  ▼

X  

KB3310 Datasheet(PDF) 6 Page - Kingbor Technology Co

Part # KB3310
Description  Preliminary Product Information MicroPower Charge Pump Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3310 Datasheet(HTML) 6 Page - Kingbor Technology Co

  KB3310 Datasheet HTML 1Page - Kingbor Technology Co KB3310 Datasheet HTML 2Page - Kingbor Technology Co KB3310 Datasheet HTML 3Page - Kingbor Technology Co KB3310 Datasheet HTML 4Page - Kingbor Technology Co KB3310 Datasheet HTML 5Page - Kingbor Technology Co KB3310 Datasheet HTML 6Page - Kingbor Technology Co KB3310 Datasheet HTML 7Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1. Capacitor Selection
It is very important to select the capacitors CIN, COUT and CFLY because they will affect turn
on time, output ripple and transient performance. Ceramic capacitors offer many advantages
over other tantalum and aluminum electrolytic counterparts. In general, the capacitors can
be used 10 F for CIN and COUT, and 1 F for CFLY under maximum output load conditions.
Lower values for CIN, COUT and CFLY may be utilized for light load current applications.
Large ceramic capacitors are typically composed of X7R, X5R, Z5U or Y5V dielectric
materials. If Y5V and Z5U are selected for used with the charge pump, the nominal value
should be doubled to compensated for the capacitor tolerance which can vary more than
50% over operating temperature range. X7R and X5R dielectrics are much more desirable.
The temperature tolerance of X7R dielectric is better than 15% .
2. Charge Pump Efficiency
The KB3310 is a regulated output voltage charger pump converter. The Efficiency can be
defined as a linear voltage regulator with an effective output voltage that is equal to two
times the input voltage. The expression to define the ideal efficiency can be shown as:
Refer to the Typical Characteristics section for measured plots of efficiency versus input
voltage and output load current for the given charge pump output voltage options.
3. Layout Guideline
As a general rule for charge pump boost converters, all external capacitors should be located
as closed as possible to the device package with minimum length trace connections. A local
component side ground plane is recommended. If this is not possible due to the layout
limitations, assure good ground connections by the use of large or multiple PCB via’s.
IN
OUT
OUT
IN
OUT
OUT
IN
OUT
V
V
I
V
I
V
P
P
2
2
6
KB3310
Kingbor Technology Co.,Ltd
TEL:(86)0755-83095458 FAX:(86)0755-88364052
Preliminary Product Information
MicroPower Charge Pump Converter
APPLICATION INFORMATION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com