Electronic Components Datasheet Search
  English  ▼

X  

PO74G00AS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PO74G00AS
Description  54, 74 Series GHz Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PO74G00AS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PO74G00AS Datasheet HTML 1Page - List of Unclassifed Manufacturers PO74G00AS Datasheet HTML 2Page - List of Unclassifed Manufacturers PO74G00AS Datasheet HTML 3Page - List of Unclassifed Manufacturers PO74G00AS Datasheet HTML 4Page - List of Unclassifed Manufacturers PO74G00AS Datasheet HTML 5Page - List of Unclassifed Manufacturers PO74G00AS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Power Supply Characteristics
Symbol
Description
Test Conditions (1)
Min
Typ
Max
Unit
IccQ
Quiescent Power Supply Current
Vcc=Max, Vin=Vcc or GND
-
0.1
40
uA
∆Icc
Power Supply Current per Input High
Vcc=Max, Vin= Vcc-0.6V
-
50
500
uA
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 3.3V, 25
°C ambient.
3. This parameter is guaranteed but not tested.
4. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
5. VoH = Vcc – 0.6V at rated current
Capacitance
Parameters (1)
Description
Test Conditions
Typ
Unit
Cin
Input Capacitance
Vin = 0V
4
pF
Cout
Output Capacitance
Vout = 0V
6
pF
Notes:
1 This parameter is determined by device characterization but not production tested.
Switching Characteristics
t
i
n
U
x
a
M
)
1
(
s
n
o
i
t
i
d
n
o
C
t
s
e
T
n
o
i
t
p
i
r
c
s
e
D
l
o
b
m
y
S
tPLH
Propagation Delay A, B to Y
CL = 15pF
1.5
ns
tPHL
Propagation Delay A, B to Y
CL = 15pF
1.5
ns
tr/tf
Rise/Fall Time
0.8V – 2.0V
0.8
ns
fmax
F
p
5
1
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
350
MHz
fmax
F
p
5
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
750
MHz
fmax
F
p
2
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
1125
MHz
Notes:
1. See test circuits and waveforms.
2. tpLH, tpHL, tsk(p), and tsk(o) are production tested. All other parameters guaranteed but not production tested.
3. Airflow of 1m/s is recommended for frequencies above 133MHz
3
Copyright © 2005-2006, Potato Semiconductor Corporation
54, 74 Series GHz Logic
PO54G00A, PO74G00A
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
09/12/07



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com