Electronic Components Datasheet Search
  English  ▼

X  

PO74G00AS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PO74G00AS
Description  54, 74 Series GHz Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PO74G00AS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PO74G00AS Datasheet HTML 1Page - List of Unclassifed Manufacturers PO74G00AS Datasheet HTML 2Page - List of Unclassifed Manufacturers PO74G00AS Datasheet HTML 3Page - List of Unclassifed Manufacturers PO74G00AS Datasheet HTML 4Page - List of Unclassifed Manufacturers PO74G00AS Datasheet HTML 5Page - List of Unclassifed Manufacturers PO74G00AS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright © 2005-2007, Potato Semiconductor Corporation
54, 74 Series GHz Logic
PO54G00A, PO74G00A
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
09/12/07
1
INPUTS
OUTPUT
Y
A
B
H
H
L
L
X
H
X
L
H
FEATURES:
. Patented technology
. Specified From –40°C to 85°C, –40°C to 125°C,
and –55°C to 125°C
. Operating frequency up to 1.125GHz with 2pf load
. Operating frequency up to 750MHz with 5pf load
. Operating frequency up to 350MHz with 15pf load
. VCC Operates from 1.65V to 3.6V
. Propagation delay < 1.5ns max with 15pf load
. Low input capacitance: 4pf typical
. Latch-Up Performance Exceeds 250 mA Per
JESD 17
. ESD Protection Exceeds JESD 22
. 2000-VHuman-BodyModel (A114-A)
. 200-VMachineModel (A115-A)
. 1000-VCharged-DeviceModel (C101)
. Available in 14pin 150mil wide SOIC package
. Available in 14pin Ceramic Dual Flatpack
. Available in 20pin Leadless Ceramic Chip Carrier
Pin Configuration
Logic Block Diagram
Pin Description
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
V CC
4B
4A
4Y
3B
3A
3Y
A
B
Y
DESCRIPTION:
Potato Semiconductor’s PO74G00A is designed for
world top performance using submicron CMOS
technology to achieve 1.125GHz TTL/CMOS output
frequency with less than 1.5ns propagation delay.
This quadruple 2-input positive-NAND gate is
designed for 1.65-V to 3.6-V VCC operation.
The PO74G00A performs the Boolean function
Y= A · B or Y= A + B in positive logic.
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of these devices as
translators in a mixed 3.3V/5V system environment.
3 2 1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B


Similar Part No. - PO74G00AS

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G00ASR POTATO-PO74G00ASR Datasheet
554Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
PO74G00ASU POTATO-PO74G00ASU Datasheet
554Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
More results

Similar Description - PO74G00AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP74HC82 ETC1-SP74HC82 Datasheet
113Kb / 2P
54/74 Series Adders Registers
logo
Hittite Microwave Corpo...
HMC662LP3E HITTITE-HMC662LP3E Datasheet
317Kb / 8P
54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
HMC662LP3 HITTITE-HMC662LP3_09 Datasheet
317Kb / 8P
54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
HMC662LP3E HITTITE-HMC662LP3E_10 Datasheet
777Kb / 8P
54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
HMC948LP3E HITTITE-HMC948LP3E Datasheet
864Kb / 8P
54 dB, LOGARITHMIC DETECTOR, 1 - 23 GHz
HMC-MDB169 HITTITE-HMC-MDB169_09 Datasheet
159Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 54 - 64 GHz
logo
Potato Semiconductor Co...
PO74G04A POTATO-PO74G04A_14 Datasheet
1Mb / 6P
54, 74 Series Noise Cancellation GHz Logic
PO74G14A POTATO-PO74G14A_14 Datasheet
1Mb / 6P
54, 74 Series Noise Cancellation GHz Logic
PO74G32A POTATO-PO74G32A_14 Datasheet
1Mb / 5P
74 Series Noise Cancellation GHz Logic
PO74GU04A POTATO-PO74GU04A_14 Datasheet
1Mb / 5P
74 Series Noise Cancellation GHz Logic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com